Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDB4385 Datasheet(PDF) 39 Page - Cirrus Logic

Part # CDB4385
Description  114 dB, 192kHz 8-CHANNEL D/A CONVERTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4385 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CDB4385 Datasheet HTML 35Page - Cirrus Logic CDB4385 Datasheet HTML 36Page - Cirrus Logic CDB4385 Datasheet HTML 37Page - Cirrus Logic CDB4385 Datasheet HTML 38Page - Cirrus Logic CDB4385 Datasheet HTML 39Page - Cirrus Logic CDB4385 Datasheet HTML 40Page - Cirrus Logic CDB4385 Datasheet HTML 41Page - Cirrus Logic CDB4385 Datasheet HTML 42Page - Cirrus Logic CDB4385 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
CS4385
DS671A1
39
5.3
PCM Control (address 03h)
5.3.1
DIGITAL INTERFACE FORMAT (DIF)
Default = 0000 - Format 0 (Left Justified, up to 24-bit data)
Function:
These bits select the interface format for the serial audio input. The DSD/PCM bit determines whether
PCM or DSD mode is selected.
The required relationship between the Left/Right clock, serial clock and serial data is defined by the Digital
Interface Format and the options are detailed in Figures 9-19.
5.3.2
FUNCTIONAL MODE (FM)
Default = 11
00 - Single-Speed Mode (4 to 50 kHz sample rates)
01 - Double-Speed Mode (50 to 100 kHz sample rates)
10 - Quad-Speed Mode (100 to 200 kHz sample rates)
11 - Auto Speed Mode detect (32 kHz to 200 kHz sample rates)
Function:
Selects the required range of input sample rates or Auto Speed Mode.
7
654
32
10
DIF3
DIF2
DIF1
DIF0
Reserved
Reserved
FM1
FM0
0
000
00
11
DIF3
DIF2
DIF1
DIF0
DESCRIPTION
Format
FIGURE
00
0
0
Left Justified, up to 24-bit data
09
00
0
1
I2S, up to 24-bit data
110
00
1
0
Right Justified, 16-bit data
211
00
1
1
Right Justified, 24-bit data
312
01
0
0
Right Justified, 20-bit data
413
01
0
1
Right Justified, 18-bit data
514
10
0
0
One-line Mode 1, 24-bit Data +SDIN4
815
10
0
1
One-line Mode 2, 20-bit Data +SDIN4
916
10
1
0
One-line Mode 3, 24-bit 6-channel
10
17
10
1
1
One-line Mode 4, 20-bit 6-channel
11
18
11
0
0
TDM
12
19
XX
X
X
All other combinations are Reserved
Table 7. Digital Interface Formats - PCM Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com