Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT4832 Datasheet(PDF) 2 Page - Jiaxing Heroic Technology Co.,Ltd.

Part # HT4832
Description  33mW output-free capacitor stereo headphone amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEROIC [Jiaxing Heroic Technology Co.,Ltd.]
Direct Link  http://www.heroic.com.cn/en/index.asp
Logo HEROIC - Jiaxing Heroic Technology Co.,Ltd.

HT4832 Datasheet(HTML) 2 Page - Jiaxing Heroic Technology Co.,Ltd.

  HT4832 Datasheet HTML 1Page - Jiaxing Heroic Technology Co.,Ltd. HT4832 Datasheet HTML 2Page - Jiaxing Heroic Technology Co.,Ltd. HT4832 Datasheet HTML 3Page - Jiaxing Heroic Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
HT4832/ HT4831
耳机放大器
版权所有
©2015, 嘉兴禾润电子科技有限公司
-2-
9/2015 – V1.0
引脚信息
引脚定义*1
引脚号
引脚
名称
I/O
功能
HT483
2
HT483
1
1
1
INL-
I
左声道反相输入端(差分
-)
2
2
INL+
I
左声道同相输入端(差分
+)
3
3
INR+
I
右声道同相输入端(差分
+)
4
4
INR-
I
右声道反相输入端(差分
-)
5
7
OUTR
O
右声道输出
6
5
G0
I
增益设置
7
6
G1
I
增益设置
8
8
HPVSS
P
电荷泵负电源
9
10
CAP-
P
电荷泵电容负端
10
9
PGND
P
地
11
11
CAP+
P
电荷泵电容正端
12
13
HPVDD
P
电荷泵正电源
13
16
EN
I
芯片使能,低电平时芯片关断
14
12
PVDD
P
电源
15
15
SGND
I
信号地
16
14
OUTL
O
左声道输出
注
1 I: 输入端
O: 输出端
P: 电源/地



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com