Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT4832 Datasheet(PDF) 3 Page - Jiaxing Heroic Technology Co.,Ltd.

Part # HT4832
Description  33mW output-free capacitor stereo headphone amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEROIC [Jiaxing Heroic Technology Co.,Ltd.]
Direct Link  http://www.heroic.com.cn/en/index.asp
Logo HEROIC - Jiaxing Heroic Technology Co.,Ltd.

HT4832 Datasheet(HTML) 3 Page - Jiaxing Heroic Technology Co.,Ltd.

  HT4832 Datasheet HTML 1Page - Jiaxing Heroic Technology Co.,Ltd. HT4832 Datasheet HTML 2Page - Jiaxing Heroic Technology Co.,Ltd. HT4832 Datasheet HTML 3Page - Jiaxing Heroic Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
HT4832/ HT4831
耳机放大器
版权所有
©2015, 嘉兴禾润电子科技有限公司
-3-
9/2015 – V1.0
订购信息
H
T
4
8
3
X
XX
产品型号
封装形式
顶面标记
工作温度范围
包装和供货形式
HT483XSQ
QFN16
HT483XSQ
UVWXYZ *2
-40℃~85℃
(扩展工业级)
卷带装
5000颗/盘
注
2:WXYZ/UVWXYZ为内部生产跟踪随机编码。
嘉兴禾润电子科技有限公司
Jiaxing Heroic Electronic Technology Co., Ltd.
地址
:
浙江省嘉兴市凌公塘路
3339号JRC大厦A座三层
Add:
A 3rd floor, JRC Building, No. 3339, LingGongTang Road, Jiaxing, Zhejiang Province
电话
/Tel:
0573-82586151
传真
/Fax:
0573-82585078
E-mail:
sales@heroic.com.cn
网址
/Website:
www.heroic.com.cn
封装形式



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com