Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC885CZP133 Datasheet(PDF) 79 Page - Freescale Semiconductor, Inc

Part # MPC885CZP133
Description  Hardware Specifications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC885CZP133 Datasheet(HTML) 79 Page - Freescale Semiconductor, Inc

Back Button MPC885CZP133 Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC885CZP133 Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC885CZP133 Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC885CZP133 Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC885CZP133 Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC885CZP133 Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC885CZP133 Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC885CZP133 Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC885CZP133 Datasheet HTML 83Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 92 page
background image
MPC885/MPC880 Hardware Specifications, Rev. 3
79
Freescale Semiconductor
Mechanical Data and Ordering Information
TEXP
C4
Output
ALE_A
B7
Output
CE1_A
B15
Output
CE2_A
C15
Output
WAIT_A
SOC_Split1
A2
Input
WAIT_B
C3
Input
IP_A0
UTPB_Split01
B1
Input
IP_A1
UTPB_Split11
C1
Input
IP_A2
IOIS16_A
UTPB_Split21
F4
Input
IP_A3
UTPB_Split31
E3
Input
IP_A4
UTPB_Split41
D2
Input
IP_A5
UTPB_Split51
D1
Input
IP_A6
UTPB_Split61
E2
Input
IP_A7
UTPB_Split71
D3
Input
ALE_B
DSCK/AT1
D8
Bidirectional
Three-state
IP_B[0:1]
IWP[0:1]
VFLS[0:1]
A9, D9
Bidirectional
IP_B2
IOIS16_B
AT2
C8
Bidirectional
Three-state
IP_B3
IWP2
VF2
C9
Bidirectional
IP_B4
LWP0
VF0
B9
Bidirectional
IP_B5
LWP1
VF1
A10
Bidirectional
Table 39. Pin Assignments (continued)
Name
Pin Number
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com