Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1013MFKB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LT1013MFKB
Description  DUAL PRECISION OPERATIONAL AMPLIFIERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1013MFKB Datasheet(HTML) 1 Page - Texas Instruments

  LT1013MFKB Datasheet HTML 1Page - Texas Instruments LT1013MFKB Datasheet HTML 2Page - Texas Instruments LT1013MFKB Datasheet HTML 3Page - Texas Instruments LT1013MFKB Datasheet HTML 4Page - Texas Instruments LT1013MFKB Datasheet HTML 5Page - Texas Instruments LT1013MFKB Datasheet HTML 6Page - Texas Instruments LT1013MFKB Datasheet HTML 7Page - Texas Instruments LT1013MFKB Datasheet HTML 8Page - Texas Instruments LT1013MFKB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
LT1013, LT1013A, LT1013D
DUAL PRECISION OPERATIONAL AMPLIFIERS
SLOS018H − MAY 1988 − REVISED NOVEMBER 2004
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Single-Supply Operation
− Input Voltage Range Extends to Ground
− Output Swings to Ground While Sinking
Current
D Input Offset Voltage
− 150
µV Max at 25°C for LT1013A
D Offset-Voltage Temperature Coefficient
− 2.5
µV/°C Max for LT1013A
D Input Offset Current
− 0.8 nA Max at 25
°C for LT1013A
D High Gain . . . 1.5 V/µV Min (RL = 2 kΩ),
0.8 V/
µV Min (RL = 600 kΩ) for LT1013A
D Low Supply Current . . . 0.5 mA Max at
TA = 25°C for LT1013A
D Low Peak-to-Peak Noise Voltage . . . 0.55 µV
Typ
D Low Current Noise . . . 0.07 pA/√Hz Typ
description/ordering information
The
LT1013
devices
are
dual
precision
operational amplifiers, featuring high gain, low
supply current, low noise, and low-offset-voltage
temperature coefficient.
The LT1013 devices can be operated from a
single 5-V power supply; the common-mode input
voltage range includes ground, and the output can
also swing to within a few millivolts of ground.
Crossover distortion is eliminated. The LT1013
can be operated with both dual
±15-V and single
5-V supplies.
The LT1013C, LT1013AC, and LT1013D are characterized for operation from 0
°C to 70°C. The LT1013I,
LT1013AI, and LT1013DI are characterized for operation from −40
°C to 105°C. The LT1013M, LT1013AM, and
LT1013DM are characterized for operation over the full military temperature range of −55
°C to 125°C.
Copyright
 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
8
7
6
5
1IN+
VCC−
2IN+
2IN−
1IN−
1OUT
VCC+
2OUT
LT1013, LT1013D ...D PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
NC
2OUT
NC
2IN−
NC
NC
1IN−
NC
1IN+
NC
LT1013, LT1013A . . . FK PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
1OUT
1IN−
1IN+
VCC−
VCC+
2OUT
2IN−
2IN+
LT1013, LT1013D . . . JG OR P PACKAGE
(TOP VIEW)
NC − No internal connection
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - LT1013MFKB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LT1013MFKB TI-LT1013MFKB Datasheet
595Kb / 33P
DUAL PRECISION OPERATIONAL AMPLIFIERS
LT1013MFKB TI1-LT1013MFKB Datasheet
1Mb / 36P
Dual Precision Operational Amplifier
More results

Similar Description - LT1013MFKB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEB1033 STMICROELECTRONICS-TEB1033 Datasheet
68Kb / 7P
PRECISION DUAL OPERATIONAL AMPLIFIERS
Jun-1998
logo
Raytheon Company
RC4277 RAYTHEON-RC4277 Datasheet
198Kb / 6P
Dual Precision Operational Amplifiers
logo
Texas Instruments
LT1013 TI-LT1013 Datasheet
595Kb / 33P
DUAL PRECISION OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TEB1033 STMICROELECTRONICS-TEB1033_05 Datasheet
102Kb / 7P
PRECISION DUAL OPERATIONAL AMPLIFIERS
Mar-2005
logo
Texas Instruments
TLC27L2CPE4 TI1-TLC27L2CPE4 Datasheet
1Mb / 49P
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272IDR TI-TLC272IDR Datasheet
1Mb / 51P
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27L2 TI1-TLC27L2_16 Datasheet
1Mb / 50P
LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272 TI1-TLC272_16 Datasheet
1Mb / 53P
PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27M2 TI-TLC27M2_V01 Datasheet
1Mb / 49P
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272 TI-TLC272_V01 Datasheet
1Mb / 51P
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com