Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1013MFKB Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LT1013MFKB
Description  DUAL PRECISION OPERATIONAL AMPLIFIERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1013MFKB Datasheet(HTML) 22 Page - Texas Instruments

Back Button LT1013MFKB Datasheet HTML 18Page - Texas Instruments LT1013MFKB Datasheet HTML 19Page - Texas Instruments LT1013MFKB Datasheet HTML 20Page - Texas Instruments LT1013MFKB Datasheet HTML 21Page - Texas Instruments LT1013MFKB Datasheet HTML 22Page - Texas Instruments LT1013MFKB Datasheet HTML 23Page - Texas Instruments LT1013MFKB Datasheet HTML 24Page - Texas Instruments LT1013MFKB Datasheet HTML 25Page - Texas Instruments LT1013MFKB Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
LT1013, LT1013A, LT1013D
DUAL PRECISION OPERATIONAL AMPLIFIERS
SLOS018H − MAY 1988 − REVISED NOVEMBER 2004
22
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
To Inverter
Drive
5 V
100 k
Ω
10 k
Ω†
68 k
Ω†
4.3 k
Ω
5 V
LT1004
1.2 V
4 k
Ω†
2 k
Ω
4-mA
Trim
IN
0 to 4 V
1 k
Ω
20-mA
Trim
301
Ω†
0.1
Ω
T1
10
µF
4 mA to 20 mA
Fully Floating
1N4002 (4)
1/2
LT1013
+
† 1% film resistor
+
−
+
−
1/2
LT1013
Figure 31. Fully Floating Modification to 4-mA to 20-mA Current-Loop Transmitter With 8-Bit Accuracy
IN+
IN+
IN−
IN−
6
18
7
13
11
12
14
R2
R1
OUT B
3
2
1
µF
5
6
5 V
OUT A
R2
R1
0.01
µF
1
µF
1
µF
1
µF
1/2
LT1013
1/2
LT1013
+
+
−
−
1
7
4
15
1/2 LTC1043
1/2 LTC1043
5
8
2
3
8
NOTE A: VIO = 150 µV, AVD = (R1/R2) + 1, CMRR = 120 dB, VICR = 0 to 5 V
Figure 32. 5-V Single-Supply Dual Instrumentation Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com