Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT6808 Datasheet(PDF) 3 Page - Jiaxing Heroic Technology Co.,Ltd.

Part # HT6808
Description  HT6808 Brief Introduction
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEROIC [Jiaxing Heroic Technology Co.,Ltd.]
Direct Link  http://www.heroic.com.cn/en/index.asp
Logo HEROIC - Jiaxing Heroic Technology Co.,Ltd.

HT6808 Datasheet(HTML) 3 Page - Jiaxing Heroic Technology Co.,Ltd.

  HT6808 Datasheet HTML 1Page - Jiaxing Heroic Technology Co.,Ltd. HT6808 Datasheet HTML 2Page - Jiaxing Heroic Technology Co.,Ltd. HT6808 Datasheet HTML 3Page - Jiaxing Heroic Technology Co.,Ltd. HT6808 Datasheet HTML 4Page - Jiaxing Heroic Technology Co.,Ltd. HT6808 Datasheet HTML 5Page - Jiaxing Heroic Technology Co.,Ltd. HT6808 Datasheet HTML 6Page - Jiaxing Heroic Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
HT6808
版权所有
©2011, 嘉兴禾润电子科技有限公司
-3-
03/2011 – V1.0
引脚分布图
1
2
3
4
5
6
7
8
9
10
0
AGND
INL-
INL+
ACRC
20引脚TSSOP 顶视图
20
19
18
17
16
15
14
13
12
11
OUTL+
PVDD
PGND
OUTL-
MUTE
/SDL
NC
INR+
INR-
G0
OUTR+
PVDD
PGND
OUTR-
AVDD
/SDR
0
AGND
INL-
INL+
20引脚QFN 顶视图
MUTE
/SDL
NC
INR+
INR-
AVDD
/SDR
6
7
8
9
10
16
17
18
19
20
订购信息
H
T
6
8
0
8
MTE
R
产品型号
封装形式
顶面标记
工作温度范围
(扩展工业级)
包装和供货形式
HT6808MTER*1
TSSOP-20
HT6808
XXXXXX
*2
-40℃~85℃
卷带装
3000颗/盘
HT6808SQR
QFNWB4*4-20L
HT6808SQ
XXXXXX
-40℃~85℃
卷带装
5000颗/盘
*1:MTE代表TSSOP封装,R代表卷带装
*2:XXXXXX为内部生产跟踪随机编码
嘉兴禾润电子科技有限公司
地址
:
浙江省嘉兴市亚太路
JRC 大厦 A 座三层
电话
:
0573-82583866 82585565
传真
:
0573-82585078
E-mail: sales@heroic.com.cn
网址
:
www.heroic.com.cn
封装形式
包装和供货形式



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com