Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT8696SP Datasheet(PDF) 1 Page - Jiaxing Heroic Technology Co.,Ltd.

Part # HT8696SP
Description  9.5W anti-sharpening dual channel Class D audio power amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEROIC [Jiaxing Heroic Technology Co.,Ltd.]
Direct Link  http://www.heroic.com.cn/en/index.asp
Logo HEROIC - Jiaxing Heroic Technology Co.,Ltd.

HT8696SP Datasheet(HTML) 1 Page - Jiaxing Heroic Technology Co.,Ltd.

  HT8696SP Datasheet HTML 1Page - Jiaxing Heroic Technology Co.,Ltd. HT8696SP Datasheet HTML 2Page - Jiaxing Heroic Technology Co.,Ltd. HT8696SP Datasheet HTML 3Page - Jiaxing Heroic Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HT8696
双声道音频功放
版权所有
©2015, 嘉兴禾润电子科技有限公司
-1-
01/2015 – V1.0
9.5W防削顶双声道D类音频功率放大器
特点
・防削顶失真功能
(Anti-Clipping Function, ACF)
・免滤波器数字调制,直接驱动扬声器
・输出功率
2×9.5W (VDD=8.5V, RL=4Ω, THD+N=10%)
2×6.7W (VDD=7.2V, RL=4Ω, THD+N=10%)
・过流保护功能
・过热保护功能
・欠压异常保护功能
・无铅无卤封装,
SOP16L-PP
应用
・蓝牙音箱
・便携式音箱
・
2.1声道小音箱
・扩音器
・
iphone/ipod/ipod docking
・拉杆音箱
・平板电脑,笔记本电脑
・便携式游戏机
・小尺寸
LCD电视/监视器
・
MP4, 导航仪
概述
HT8696是一款防削顶失真的,双声道免滤波D
类音频功率放大器。在
VDD=8.5V、THD+N=10%、
4Ω负载条件下,能连续输出2×9.5W功率。
HT8696具有防削顶失真(ACF)输出控制功能,
可检测并抑制由于输入音乐、语音信号幅度过大所引
起的输出信号削顶失真(破音),显著提高音质,创
造舒适听音享受,并保护扬声器免受过载损坏。同时
芯片也具有
ACF-Off 模式可配置。
HT8696内部集成免滤波器数字调制技术,能够
直接驱动扬声器,并最大程度减小脉冲输出信号的失
真和噪音。输出无需滤波网络,极少的外部元器件节
省了系统空间和成本,是便携式应用的理想选择。
此外,
HT8696内置的关断功能使待机电流最小
化,还集成了输出端过流保护、片内过温保护和电源
欠压异常保护等功能。
典型应用图
INL+
RIN
RIN
HT8696
INL-
0.1uF
1KΩ
1µF
10 µ F
0.1uF
CTRL
OUTL+
OUTL-
INR+
CIN
CIN
INR-
0.1uF
1KΩ
0.1uF
OUTR+
OUTR-
VDD
GND
470 µ F
CIN
CIN
56KΩ
56KΩ
RIN
RIN
56KΩ
56KΩ


Similar Part No. - HT8696SP

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
HT8696 YONGFUKANG-HT8696 Datasheet
666Kb / 11P
10W anti-shaving top dual channel class D audio power amplifier
More results

Similar Description - HT8696SP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM8012 DIODES-PAM8012 Datasheet
450Kb / 14P
MONO 2.0W ANTI-SATURATION CLASS-D AUDIO POWER AMPLIFIER
Rev 1
logo
Jiaxing Heroic Technolo...
HT6828 HEROIC-HT6828 Datasheet
174Kb / 3P
4.7W anti-shaving double channel D class audio power amplifier
HT8693 HEROIC-HT8693 Datasheet
175Kb / 2P
10W anti-breaking mono D-class audio amplifier
HT8697 HEROIC-HT8697 Datasheet
450Kb / 3P
9.5W anti-shaving double channel AB/D class audio power amplifier
logo
Shenzhenshi YONGFUKANG ...
HT6872 YONGFUKANG-HT6872 Datasheet
610Kb / 12P
4.7W anti-cutting top mono Class D audio power amplifier
HT8696 YONGFUKANG-HT8696 Datasheet
666Kb / 11P
10W anti-shaving top dual channel class D audio power amplifier
logo
Shenzhen Huazhimei Semi...
HM2011 HMSEMI-HM2011 Datasheet
941Kb / 14P
4.7W Anti-cutting Mono Class D Audio Power Amplifier
HM8874 HMSEMI-HM8874 Datasheet
1Mb / 17P
10W anti-breaking sound mono Class D audio power amplifier
HM8410 HMSEMI-HM8410 Datasheet
1Mb / 14P
9.5W anti-cut top dual-channel class D audio power amplifier
logo
Shenzhen Naxinwei Techn...
NS4159 NSIWAY-NS4159 Datasheet
335Kb / 15P
Class AB/D dual-mode, anti-distortion, 5.5W mono audio amplifier
V1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com