Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM82C51A-2JS Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM82C51A-2JS
Description  UNIVERSAL SYNCHRONOUS ASYNCHRONOUS RECEIVER TRANSMITTER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM82C51A-2JS Datasheet(HTML) 1 Page - OKI electronic componets

  MSM82C51A-2JS Datasheet HTML 1Page - OKI electronic componets MSM82C51A-2JS Datasheet HTML 2Page - OKI electronic componets MSM82C51A-2JS Datasheet HTML 3Page - OKI electronic componets MSM82C51A-2JS Datasheet HTML 4Page - OKI electronic componets MSM82C51A-2JS Datasheet HTML 5Page - OKI electronic componets MSM82C51A-2JS Datasheet HTML 6Page - OKI electronic componets MSM82C51A-2JS Datasheet HTML 7Page - OKI electronic componets MSM82C51A-2JS Datasheet HTML 8Page - OKI electronic componets MSM82C51A-2JS Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1/26
¡ Semiconductor
MSM82C51A-2RS/GS/JS
GENERAL DESCRIPTION
The MSM82C51A-2 is a USART (Universal Synchronous Asynchronous Receiver Transmitter)
for serial data communication.
As a peripheral device of a microcomputer system, the MSM82C51A-2 receives parallel data
from the CPU and transmits serial data after conversion. This device also receives serial data
from the outside and transmits parallel data to the CPU after conversion.
The MSM82C51A-2 configures a fully static circuit using silicon gate CMOS technology.
Therefore, it operates on extremely low power at 100 mA (max) of standby current by
suspending all operations.
FEATURES
• Wide power supply voltage range from 3 V to 6 V
• Wide temperature range from –40
°C to 85°C
• Synchronous communication upto 64 Kbaud
• Asynchronous communication upto 38.4 Kbaud
• Transmitting/receiving operations under double buffered configuration.
• Error detection (parity, overrun and framing)
• 28-pin Plastic DIP (DIP28-P-600-2.54): (Product name: MSM82C51A-2RS)
• 28-pin Plastic QFJ (QFJ28-P-S450-1.27): (Product name: MSM82C51A-2JS)
• 32-pin Plastic SSOP(SSOP32-P-430-1.00-K): (Product name: MSM82C51A-2GS-K)
¡ Semiconductor
MSM82C51A-2RS/GS/JS
UNIVERSAL SYNCHRONOUS ASYNCHRONOUS RECEIVER TRANSMITTER
E2O0017-27-X2
This version: Jan. 1998
Previous version: Aug. 1996


Similar Part No. - MSM82C51A-2JS

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM82C53-2GS OKI-MSM82C53-2GS Datasheet
149Kb / 19P
CMOS PROGRAMMABLE INTERVAL TIMER
MSM82C53-2JS OKI-MSM82C53-2JS Datasheet
149Kb / 19P
CMOS PROGRAMMABLE INTERVAL TIMER
MSM82C53-2RS OKI-MSM82C53-2RS Datasheet
149Kb / 19P
CMOS PROGRAMMABLE INTERVAL TIMER
MSM82C53-2XX OKI-MSM82C53-2XX Datasheet
149Kb / 19P
CMOS PROGRAMMABLE INTERVAL TIMER
MSM82C54-2GS OKI-MSM82C54-2GS Datasheet
161Kb / 23P
CMOS PROGRAMMABLE INTERVAL TIMER
More results

Similar Description - MSM82C51A-2JS

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA16450 INNOVASIC-IA16450 Datasheet
97Kb / 10P
Universal Asynchronous Receiver/Transmitter
logo
Winbond
W86C450 WINBOND-W86C450 Datasheet
1Mb / 28P
UNIVERSAL ASYNCHRONOUS RECEIVER /TRANSMITTER
logo
List of Unclassifed Man...
H8250 ETC-H8250 Datasheet
49Kb / 7P
Universal Asynchronous Receiver/Transmitter
logo
National Semiconductor ...
NSC858 NSC-NSC858 Datasheet
683Kb / 19P
NSC858 Universal Asynchronous Receiver/Transmitter
logo
Altera Corporation
A16450 ALTERA-A16450 Datasheet
282Kb / 16P
Universal Asynchronous Receiver/Transmitter
logo
TelCom Semiconductor, I...
AY-3-1013A TELCOM-AY-3-1013A Datasheet
775Kb / 13P
UNIVERSAL ASYNCHRONOUS RECEIVER / TRANSMITTER
logo
Altera Corporation
A6402 ALTERA-A6402 Datasheet
228Kb / 8P
Universal Asynchronous Receiver/Transmitter
logo
Texas Instruments
TL16PC564BLVI TI-TL16PC564BLVI Datasheet
525Kb / 34P
PCMCIA UNIVERSAL ASYNCHRONOUS RECEIVER TRANSMITTER
logo
A1 PROs co., Ltd.
EI16C450 A1PROS-EI16C450 Datasheet
1Mb / 1P
Universal Asynchronous Receiver Transmitter(UART)
06/15/99
logo
Texas Instruments
PC16550D TI1-PC16550D_15 Datasheet
482Kb / 33P
Universal Asynchronous Receiver/Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com