Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP5100 Datasheet(PDF) 3 Page - Billiton Ltd.

Part # TP5100
Description  2 A switch down 8.4 V / 4.2 V battery battery charging chip
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIC [Billiton Ltd.]
Direct Link  http://www.tp-asic.com/
Logo ASIC - Billiton Ltd.

TP5100 Datasheet(HTML) 3 Page - Billiton Ltd.

  TP5100 Datasheet HTML 1Page - Billiton Ltd. TP5100 Datasheet HTML 2Page - Billiton Ltd. TP5100 Datasheet HTML 3Page - Billiton Ltd. TP5100 Datasheet HTML 4Page - Billiton Ltd. TP5100 Datasheet HTML 5Page - Billiton Ltd. TP5100 Datasheet HTML 6Page - Billiton Ltd. TP5100 Datasheet HTML 7Page - Billiton Ltd. TP5100 Datasheet HTML 8Page - Billiton Ltd. TP5100 Datasheet HTML 9Page - Billiton Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
南京拓微集成电路有限公司
TP5100
2
图 1 TP5100 为 4.2V 单节锂离子电池 1.5A 充电(150MA 预充)应用示意图
封装
/订购信息
16 引脚 4mm*4mmQFN16 封装顶视图
(散热片接地)
订单型号
TP5100-QFN16
器件标记
TP5100
实物图片



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com