Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF63W Datasheet(PDF) 3 Page - HOPE Microelectronics CO., Ltd.

Part # RF63W
Description  Ultra-Low Power Integrated UHF Transceiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF63W Datasheet(HTML) 3 Page - HOPE Microelectronics CO., Ltd.

  RF63W Datasheet HTML 1Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 2Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 3Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 4Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 5Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 6Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 7Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 8Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 9Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 91 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 3 of 91
RF63
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
7.6.9. Pout Stability over Temperature and Voltage .................... 84
7.6.10. Transmitter Spectral Purity ............................................. 85
7.6.11. OOK Channel Bandwidth................................................ 86
7.6.12. FSK Spectrum in Europe ................................................ 87
7.6.13. Digital Modulation Schemes............................................ 88
7.6.14. Current Stability over Temperature and Voltage ............. 89
8. Packaging Information ............................................................ 90
8.1. Package Outline Drawing..................................................... 90
8.2. PCB Land Pattern................................................................ 90
9. Contact Information ................................................................ 91
Index of Figures
Figure 1: RF63 Simplified Block Diagram ..................................... 5
Figure 2: RF63 Pin Diagram ......................................................... 6
Figure 3: RF63 Detailed Block Diagram ...................................... 12
Figure 4: Power Supply Breakdown............................................ 13
Figure 5: Frequency Synthesizer Description.............................. 14
Figure 6: LO Generator .............................................................. 14
Figure 7: Loop Filter ................................................................... 16
Figure 8: Transmitter Architecture .............................................. 18
Figure 9: I(t), Q(t) Overview ........................................................ 18
Figure 10: PA Control ................................................................. 21
Figure 11: Optimal Load Impedance Chart ................................. 21
Figure 12: Recommended PA Biasing and Output Matching ..... 22
Figure 13: Front-end Description ................................................ 22
Figure 14: Receiver Architecture ................................................ 23
Figure 15: FSK Receiver Setting ................................................ 23
Figure 16: OOK Receiver Setting ............................................... 23
Figure 17: Active Channel Filter Description ............................... 24
Figure 18: Butterworth Filter's Actual BW ................................... 26
Figure 19: Polyphase Filter's Actual BW ..................................... 26
Figure 20: RSSI Dynamic Range................................................ 27
Figure 21: RSSI IRQ Timings ..................................................... 28
Figure 22: OOK Demodulator Description................................... 29
Figure 23: Floor Threshold Optimization ..................................... 30
Figure 24: BitSync Description..................................................... 31
Figure 25: RF63
‟s Data Processing Conceptual View................. 34
Figure 26: SPI Interface Overview and uC Connections ............. 35
Figure 27: Write Register Sequence ........................................... 36
Figure 28: Read Register Sequence........................................... 37
Figure 29: Write Bytes Sequence (ex: 2 bytes) ........................... 37
Figure 30: Read Bytes Sequence (ex: 2 bytes)........................... 38
Figure 31: FIFO and Shift Register (SR) ..................................... 38
Figure 32: FIFO Threshold IRQ Source Behavior ....................... 39
Figure 33: Sync Word Recognition ............................................. 40
Figure 34: Continuous Mode Conceptual View ........................... 41
Figure 35: Tx Processing in Continuous Mode............................ 41
Figure 36: Rx Processing in Continuous Mode ........................... 42
Figure 37: uC Connections in Continuous Mode......................... 43
Figure 38: Buffered Mode Conceptual View................................ 44
Figure 39: Tx processing in Buffered Mode ................................ 45
Figure 40: Rx Processing in Buffered Mode................................ 46
Figure 41: uC Connections in Buffered Mode ............................. 47
Figure 42: Packet Mode Conceptual View .................................. 49
Figure 43: Fixed Length Packet Format ...................................... 50
Figure 44: Variable Length Packet Format.................................. 51
Figure 45: CRC Implementation ................................................. 53
Figure 46: Manchester Encoding/Decoding ................................ 54
Figure 47: Data Whitening .......................................................... 54
Figure 48: uC Connections in Packet Mode ................................ 55
Figure 49: Optimized Rx Cycle ................................................... 67
Figure 50: Optimized Tx Cycle.................................................... 68
Figure 51: Tx Hop Cycle ............................................................. 69
Figure 52: Rx Hop Cycle............................................................. 70
Figure 53: Rx - Tx - Rx Cycle ................................................. 71
Figure 54: POR Timing Diagram ................................................. 72
Figure 55: Manual Reset Timing Diagram................................... 72
Figure 56: Reference Design Circuit Schematic .......................... 73
Figure 57: Reference Des
ign„s Stackup...................................... 74
Figure 58: Reference Design Layout (top view) .......................... 74
Figure 59: 915 MHz SAW Filter Plot ........................................... 75
Figure 60: 869 MHz SAW Filter Plot ........................................... 75
Figure 61: Sensitivity Across the 868 MHz Band......................... 77
Figure 62: Sensitivity Across the 915 MHz Band......................... 77
Figure 63: FSK Sensitivity Loss vs. LO Drift................................ 78
Figure 64: OOK Sensitivity Loss vs. LO Drift............................... 78
Figure 65: FSK Sensitivity vs. Rx BW ......................................... 79
Figure 66: OOK Sensitivity Change vs. Rx BW ........................... 79
Figure 67: Sensitivity Stability ..................................................... 80
Figure 68: FSK Sensitivity vs. BR ............................................... 80
Figure 69: OOK Sensitivity vs. BR .............................................. 81
Figure 70: ACR in FSK Mode...................................................... 81
Figure 71: ACR in OOK Mode..................................................... 82
Figure 72: Pout for 869 MHz Band Operation ............................. 82
Figure 73: Pout for 915 MHz Band Operation ............................. 83
Figure 74: Pout and IDD at all PA Settings, 869 MHz ................. 83
Figure 75: Pout and IDD at all PA Settings, 915 MHz ................. 84
Figure 76: Pout Stability.............................................................. 84
Figure 77: 869 MHz Spectral Purity DC-1GHz ............................ 85
Figure 78: 869 MHz Spectral Purity 1-6GHz ............................... 85
Figure 79: OOK Spectrum - 2kbps.............................................. 86
Figure 80: OOK Spectrum - 8kbps.............................................. 86
Figure 81: OOK Spectrum - 16.7kbps ......................................... 86
Figure 82: FSK - 1.56kbps - +/-33 kHz......................................... 87
Figure 83: FSK - 25 kbps - +/-50 kHz........................................... 87
Figure 84: FSK - 40 kbps - +/-40 kHz........................................... 87
Figure 85: DTS 6dB Bandwidth................................................... 88
Figure 86: DTS Power Spectral Density...................................... 88
Figure 87: IDD vs. Temp and VDD.............................................. 89
Figure 88: Package Outline Drawing........................................... 90
Figure 89: PCB Land Pattern...................................................... 90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com