| Electronic Components Datasheet Search |
|
RF64W Datasheet(PDF) 40 Page - HOPE Microelectronics CO., Ltd. |
|
|
|||||||||||||||||||||||||||||
RF64W Datasheet(HTML) 40 Page - HOPE Microelectronics CO., Ltd. |
|
40 / 76 page ![]() ADVANCED COMMUNICATIONS & SENSING Page 40 of 76 RF64 Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com 5.2.3.1. Overview Sync word recognition (also called Pattern recognition in previous products) is activated by setting RXParam_Sync_on. The bit synchronizer must also be activated. The block behaves like a shift register; it continuously compares the incoming data with its internally programmed Sync word and asserts the Sync IRQ source on each occasion that a match is detected. This is illustrated in Figure 33. Rx DATA (NRZ) Bit N-x = Bit N-1 = Bit N = Sync_value[x] Sync_value[1] Sync_value[0] DCLK SYNC Figure 33: Sync Word Recognition During the comparison of the demodulated data, the first bit received is compared with bit 7 (MSB) of byte at address 22 and the last bit received is compared with bit 0 (LSB) of the last byte whose address is determined by the length of the Sync word. When the programmed Sync word is detected the user can assume that this incoming packet is for the node and can be processed accordingly. 5.2.3.2. Configuration Size: Sync word size can be set to 8, 16, 24 or 32 bits via RXParam_Sync_size. In Packet mode this field is also used for Sync word generation in Tx mode. Error tolerance: The number of errors tolerated in the Sync word recognition can be set to 0, 1, 2 or 3 via RXParam_Sync_tol. Value: The Sync word value is configured in SYNCParam_Sync_value. In Packet mode this field is also used for Sync word generation in Tx mode. 5.2.4. Packet Handler The packet handler is the block used in Packet mode. Its functionality is fully described in section 5.5. 5.2.5. Control The control block configures and controls the full chip ‟s behavior according to the settings programmed in the configuration registers. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |