| Electronic Components Datasheet Search |
|
RF64W Datasheet(PDF) 56 Page - HOPE Microelectronics CO., Ltd. |
|
|
|||||||||||||||||||||||||||||
RF64W Datasheet(HTML) 56 Page - HOPE Microelectronics CO., Ltd. |
|
56 / 76 page ![]() ADVANCED COMMUNICATIONS & SENSING Page 56 of 76 RF64 Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com Tx Rx Description MCParam Data_mode_x X X Defines data operation mode (Æ Packet) Fifo_size X X Defines FIFO size Fifo_thresh X X Defines FIFO threshold IRQParam Rx_stby_irq_0 X Defines IRQ_0 source in Rx & Stby modes Rx_stby_irq_1 X Defines IRQ_1 source in Rx & Stby modes Tx_irq_1 X Defines IRQ_1 source in Tx mode Tx_start_irq_0 X Defines Tx start condition and IRQ_0 source RXParam Sync_size X X Defines Sync word size Sync_tol X Defines the error tolerance on Sync word detection SYNCParam Sync_value X X Defines Sync word value PKTParam Manchester_on X X Enables Manchester encoding/decoding Payload_length X (1) X Length in fixed format, max Rx length in variable format Node_adrs X Defines node address for Rx address filtering Pkt_format X X Defines packet format (fixed or variable length) Preamble_size X Defines the size of preamble to be transmitted Whitening_on X X Enables whitening/de-whitening process CRC_on X X Enables CRC calculation/check Adrs_filt X Enables and defines address filtering CRC_autoclr X Enables FIFO autoclear if CRC failed Fifo_stby_access X X Defines FIFO access in Stby mode 5.5.9. Packet Mode Example Configure all data processing related registers listed below appropriately. In this example we assume CRC is enabled with autoclear on. Table 25: Relevant Configuration Registers in Packet Mode (data processing related only) (1)fixed format only Tx Mode: Program Tx start condition and IRQs: Start Tx when FIFO not empty (Tx_start_irq_0=1) and IRQ_1 mapped to Tx_done (Tx_irq_1=1) Go to Stby mode Write all payload bytes into FIFO (Fifo_stby_access=0, Stby interrupts can be used if needed) Go to Tx mode. When Tx is ready (automatically handled) Tx starts (Tx_start_irq_0=1). Wait for Tx_done interrupt (+1 bit period) Go to Sleep mode Rx Mode: Program Rx/Stby interrupts: IRQ_0 mapped to /Fifoempty (Rx_stby_irq_0=10) and IRQ_1 mapped to CRC_OK (Rx_stby_irq_1=00) Go to Rx (note that Rx is not ready immediately, see section 7.3.1 Wait for CRC_OK interrupt Go to Stby Read payload bytes from FIFO until /Fifoempty goes low. (Fifo_stby_access =1) Go to Sleep mode 5.5.10. Additional Information If the number of bytes filled for transmission is greater than the actual length of the packet to be transmitted and Tx_start_irq_0 = 1, then the FIFO is cleared after the packet has been transmitted. Thus the extra bytes in the |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |