Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M50FLW080ANB5P Datasheet(PDF) 1 Page - STMicroelectronics

Part # M50FLW080ANB5P
Description  8 Mbit (13 x 64KByte Blocks 3 x 16 x 4KByte Sectors), 3V Supply Firmware Hub / Low Pin Count Flash Memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FLW080ANB5P Datasheet(HTML) 1 Page - STMicroelectronics

  M50FLW080ANB5P Datasheet HTML 1Page - STMicroelectronics M50FLW080ANB5P Datasheet HTML 2Page - STMicroelectronics M50FLW080ANB5P Datasheet HTML 3Page - STMicroelectronics M50FLW080ANB5P Datasheet HTML 4Page - STMicroelectronics M50FLW080ANB5P Datasheet HTML 5Page - STMicroelectronics M50FLW080ANB5P Datasheet HTML 6Page - STMicroelectronics M50FLW080ANB5P Datasheet HTML 7Page - STMicroelectronics M50FLW080ANB5P Datasheet HTML 8Page - STMicroelectronics M50FLW080ANB5P Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
October 2006
Rev 4
1/64
1
M50FLW080A
M50FLW080B
8-Mbit (13 x 64-Kbyte Blocks + 3 × 16 × 4 Kbyte Sectors)
3-V supply, Firmware Hub / low-pin-count Flash memory
Feature summary
■
Flash memory
– Compatible with either the LPC interface or
the FWH interface (Intel Spec rev1.1) used
in PC BIOS applications
– 5-signal communication interface
supporting Read and Write operations
– 5 additional general-purpose inputs for
platform design flexibility
– Synchronized with 33 MHz PCI clock
■
16 blocks of 64 Kbytes
– 13 blocks of 64 Kbytes each
– 3 blocks, subdivided into 16 uniform
sectors of 4 Kbytes each
Two blocks at the top and one at the bottom
(M50FLW080A)
One block at the top and two at the bottom
(M50FLW080B)
■
Enhanced security
– Hardware Write Protect pins for block
protection
– Register-based Read and Write Protection
– Individual Lock Register for each 4 KByte
sector
■
Supply voltage
–VCC = 3.0 to 3.6 V for Program, Erase and
Read operations
–VPP = 12 V for Fast Program and Erase
■
Two interfaces
– Auto Detection of Firmware Hub (FWH) or
Low Pin Count (LPC) memory cycles for
embedded operation with PC chipsets
– Address/Address Multiplexed (A/A Mux)
interface for programming equipment
compatibility.
■
Programming time: 10 µs typical
■
Program/Erase Controller
– Embedded Program and Erase algorithms
– Status Register bits
■
Program/Erase Suspend
– Read other Blocks/Sectors during Program
Suspend
– Program other Blocks/Sectors during Erase
Suspend
■
ELectronic signature
– Manufacturer Code: 20h
– Device Code (M50FLW080A): 80h
– Device Code (M50FLW080B): 81h
■
Packages
– ECOPACK® (RoHS compliant)
TSOP32 (NB)
8 × 14 mm
PLCC32 (K)
TSOP40 (N)
10 × 20 mm
www.st.com


Similar Part No. - M50FLW080ANB5P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M50FLW040A STMICROELECTRONICS-M50FLW040A Datasheet
857Kb / 52P
4 Mbit (5 x 64KByte Blocks 3 x 16 x 4KByte Sectors) 3V Supply Firmware Hub / Low Pin Count Flash Memory
18-Aug-2004
M50FLW040A STMICROELECTRONICS-M50FLW040A Datasheet
534Kb / 64P
4-Mbit (5 횞 64 Kbyte blocks 3 횞 16 횞 4 Kbyte sectors) 3-V supply Firmware Hub / low-pin count Flash memory
24-Oct-2006
M50FLW040AK1 STMICROELECTRONICS-M50FLW040AK1 Datasheet
857Kb / 52P
4 Mbit (5 x 64KByte Blocks 3 x 16 x 4KByte Sectors) 3V Supply Firmware Hub / Low Pin Count Flash Memory
18-Aug-2004
M50FLW040AK1G STMICROELECTRONICS-M50FLW040AK1G Datasheet
857Kb / 52P
4 Mbit (5 x 64KByte Blocks 3 x 16 x 4KByte Sectors) 3V Supply Firmware Hub / Low Pin Count Flash Memory
18-Aug-2004
M50FLW040AK1P STMICROELECTRONICS-M50FLW040AK1P Datasheet
857Kb / 52P
4 Mbit (5 x 64KByte Blocks 3 x 16 x 4KByte Sectors) 3V Supply Firmware Hub / Low Pin Count Flash Memory
18-Aug-2004
More results

Similar Description - M50FLW080ANB5P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M50FW016 STMICROELECTRONICS-M50FW016 Datasheet
673Kb / 45P
16 Mbit 2Mb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
12-Jul-2004
M50FW080 STMICROELECTRONICS-M50FW080 Datasheet
444Kb / 56P
8 Mbit 1Mb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
24-Oct-2006
M50FLW040A STMICROELECTRONICS-M50FLW040A Datasheet
857Kb / 52P
4 Mbit (5 x 64KByte Blocks 3 x 16 x 4KByte Sectors) 3V Supply Firmware Hub / Low Pin Count Flash Memory
18-Aug-2004
M50FLW040A STMICROELECTRONICS-M50FLW040A_06 Datasheet
534Kb / 64P
4-Mbit (5 횞 64 Kbyte blocks 3 횞 16 횞 4 Kbyte sectors) 3-V supply Firmware Hub / low-pin count Flash memory
24-Oct-2006
logo
Elite Semiconductor Mem...
F49L160UA ESMT-F49L160UA Datasheet
434Kb / 51P
16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
F49L800UA ESMT-F49L800UA Datasheet
416Kb / 47P
8 Mbit (1M x 8/512K x 16) 3V Only CMOS Flash Memory
F49L160UA ESMT-F49L160UA_08 Datasheet
484Kb / 50P
16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
F49L160UA ESMT-F49L160UA_1 Datasheet
464Kb / 51P
16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
F49L800UA ESMT-F49L800UA_08 Datasheet
464Kb / 47P
8 Mbit (1M x 8/512K x 16) 3V Only CMOS Flash Memory
F49L800UA ESMT-F49L800UA_1 Datasheet
473Kb / 47P
8 Mbit (1M x 8/512K x 16) 3V Only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com