Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M50FLW080ANB5P Datasheet(PDF) 29 Page - STMicroelectronics

Part # M50FLW080ANB5P
Description  8 Mbit (13 x 64KByte Blocks 3 x 16 x 4KByte Sectors), 3V Supply Firmware Hub / Low Pin Count Flash Memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FLW080ANB5P Datasheet(HTML) 29 Page - STMicroelectronics

Back Button M50FLW080ANB5P Datasheet HTML 25Page - STMicroelectronics M50FLW080ANB5P Datasheet HTML 26Page - STMicroelectronics M50FLW080ANB5P Datasheet HTML 27Page - STMicroelectronics M50FLW080ANB5P Datasheet HTML 28Page - STMicroelectronics M50FLW080ANB5P Datasheet HTML 29Page - STMicroelectronics M50FLW080ANB5P Datasheet HTML 30Page - STMicroelectronics M50FLW080ANB5P Datasheet HTML 31Page - STMicroelectronics M50FLW080ANB5P Datasheet HTML 32Page - STMicroelectronics M50FLW080ANB5P Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 64 page
background image
M50FLW080A, M50FLW080B
Command interface
29/64
4.10
Clear Status Register command
The Clear Status Register command is used to reset Status Register bits SR1, SR3, SR4
and SR5 to ‘0’. One Bus Write is required to issue the command. Once the command is
issued, the device returns to its previous mode, subsequent Bus Read operations continue
to output the data from the same area, as before.
Once set, these Status Register bits remain set. They do not automatically return to ‘0’, for
example, when a new program or erase command is issued. If an error has occurred, it is
essential that any error bits in the Status Register are cleared, by issuing the Clear Status
Register command, before attempting a new program or erase command.
4.11
Program/Erase Suspend command
The Program/Erase Suspend command is used to pause the Program/Erase Controller
during a program or Sector/Block Erase operation. One Bus Write cycle is required to issue
the command.
Once the command has been issued, it is necessary to poll the Program/Erase Controller
Status bit until the Program/Erase Controller has paused. No other commands are accepted
until the Program/Erase Controller has paused. After the Program/Erase Controller has
paused, the device continues to output the contents of the Status Register until another
command is issued.
During the polling period, between issuing the Program/Erase Suspend command and the
Program/Erase Controller pausing, it is possible for the operation to complete. Once the
Program/Erase Controller Status bit indicates that the Program/Erase Controller is no longer
active, the Program Suspend Status bit or the Erase Suspend Status bit can be used to
determine if the operation has completed or is suspended.
During Program/Erase Suspend, the Read Memory Array, Read Status Register, Read
Electronic Signature and Program/Erase Resume commands will be accepted by the
Command Interface. Additionally, if the suspended operation was Sector Erase or Block
Erase then the program command will also be accepted. However, it should be noted that
only the Sectors/Blocks not being erased may be read or programmed correctly.
See Figure 24, and Figure 27, for suggested flowcharts on using the Program/Erase
Suspend command. Typical times and delay durations are given in Table 18.
4.12
Program/Erase Resume command
The Program/Erase Resume command can be used to restart the Program/Erase Controller
after a Program/Erase Suspend has paused it. One Bus Write cycle is required to issue the
command. Once the command is issued, subsequent Bus Read operations read the
contents of the Status Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com