Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPL-2-50TR-R Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # CPL-2-50TR-R
Description  Multi-phase power inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CPL-2-50TR-R Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  CPL-2-50TR-R Datasheet HTML 1Page - Eaton All Rights Reserved. CPL-2-50TR-R Datasheet HTML 2Page - Eaton All Rights Reserved. CPL-2-50TR-R Datasheet HTML 3Page - Eaton All Rights Reserved. CPL-2-50TR-R Datasheet HTML 4Page - Eaton All Rights Reserved. CPL-2-50TR-R Datasheet HTML 5Page - Eaton All Rights Reserved. CPL-2-50TR-R Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Technical Data
4362
Effective December 2015
CPL,CPLA, and CPLE
Multi-phase power inductors
www.eaton.com/elx
Product Specifications
Function Specifications
Test Specifications
Part Number4,5
Inductor
phases
DCR (Ω)
Nom.
@25°C
DCR (Ω)
Max.
@25°C
Rated
Inductance per
Phase3 (nH)
I Rated
per Phase3
(ADC)
Pin
numbers
OCL1,2
(nH)
Pin
numbers
OCL1,2
(nH)
Magnetizing
Inductance2
(nH) @ 5ADC
(25°C)
CPL Family—Standard
CPL-2-50TR-R
2
0.0005
0.0006
50 ± 20%
40
(1-2)
365 ±18%
(3-4)
365 ±18%
300
CPL-3-50TR-R
3
0.0005
0.0006
50 ± 20%
40
(3-4)
490 ±20%
(1-2), (5-6)
365 ±18%
400
CPL-4-50TR-R
4
0.0005
0.0006
50 ± 20%
40
(3-4), (5-6)
490 ±20%
(1-2), (7-8)
365 ±18%
400
CPL-5-50TR-R
5
0.0005
0.0006
50 ± 20%
40
(3-4), (5-6), (7-8)
490 ±20%
(1-2), (9-10) 365 ±18%
400
CPL-6-50TR-R
6
0.0005
0.0006
50 ± 20%
40
(3-4), (5-6),
(7-8), (9-10)
490 ±20%
(1-2), (11-
12)
365 ±18%
400
CPLA Family—Acoustic Noise Dampening
CPLA-2-50TR-R
2
0.0005
0.0006
50 ± 20%
40
(1-2)
365 ±18%
(3-4)
365 ±18%
300
CPLA-3-50TR-R
3
0.0005
0.0006
50 ± 20%
40
(3-4)
490 ±20%
(1-2), (5-6)
365 ±18%
400
CPLA-4-50TR-R
4
0.0005
0.0006
50 ± 20%
40
(3-4), (5-6)
490 ±20%
(1-2), (7-8)
365 ±18%
400
CPLA-5-50TR-R
5
0.0005
0.0006
50 ± 20%
40
(3-4), (5-6), (7-8)
490 ±20%
(1-2), (9-10) 365 ±18%
400
CPLE Family—Low Core Loss for Light Load Efficiency
CPLE-2-50TR-R
2
0.0005
0.0006
50 ± 20%
40
(1-2)
365 ±18%
(3-4)
365 ±18%
300
CPLE-3-50TR-R
3
0.0005
0.0006
50 ± 20%
40
(3-4)
490 ±20%
(1-2), (5-6)
365 ±18%
400
CPLE-4-50TR-R
4
0.0005
0.0006
50 ± 20%
40
(3-4), (5-6)
490 ±20%
(1-2), (7-8)
365 ±18%
400
CPLE-5-50TR-R
5
0.0005
0.0006
50 ± 20%
40
(3-4), (5-6), (7-8)
490 ±20%
(1-2), (9-10) 365 ±18%
400
1. OCL (Open Circuit Inductance)
2. Test parameters: 1MHz, 0.1Vrms, 0.0Adc. @25°C
3. The rated current and rated inductance per phase is determined by Volterra’s testing and circuit design. Additional
information can be provided by contacting Volterra.
4. Part Number Definition: CPLx-y-50TR-R-50TR-R
• CPLx= Product code and size - CPL (standard)/CPLA (acoustic dampening)/CPLE (low core loss)
• -y= number of phases • -50 = rated inductance value per phase in nH
• TR= Tape and reel
• -R suffix= RoHS compliant
5. This device is licensed for use only when incorporated within a voltage regulator employing power regulating
devices manufactured by Volterra Semiconductor, LLC or Maxim Integrated Devices, Inc. No license is granted
expressly or by implication to use this device with power regulating devices manufactured by any company other
than Volterra or Maxim.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com