Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPL-2-50TR-R Datasheet(PDF) 5 Page - Eaton All Rights Reserved.

Part # CPL-2-50TR-R
Description  Multi-phase power inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CPL-2-50TR-R Datasheet(HTML) 5 Page - Eaton All Rights Reserved.

  CPL-2-50TR-R Datasheet HTML 1Page - Eaton All Rights Reserved. CPL-2-50TR-R Datasheet HTML 2Page - Eaton All Rights Reserved. CPL-2-50TR-R Datasheet HTML 3Page - Eaton All Rights Reserved. CPL-2-50TR-R Datasheet HTML 4Page - Eaton All Rights Reserved. CPL-2-50TR-R Datasheet HTML 5Page - Eaton All Rights Reserved. CPL-2-50TR-R Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Technical Data
4362
Effective December 2015
CPL,CPLA, and CPLE
Multi-phase power inductors
www.eaton.com/elx
28.4
± 0.1
32.0
± 0.3
1.75
14.2
2.0
1.5Dia
4.0
16.0
Section A-A
5.2
8.9
18.9
2.0
CPLx-2-50
40.4
± 0.1
44.0
± 0.3
1.75
20.2
2.0
1.5Dia
4.0
16.0
Section A-A
5.2
8.9
27.9
2.0
CPLx-3-50
52.4
± 0.1
56.0
± 0.3
1.75
26.2
2.0
1.5Dia
4.0
16.0
Section A-A
5.2
8.9
36.9
2.0
CPLx-4-50
68.4
± 0.1
72.0
± 0.3
1.75
34.2
2.0
1.5Dia
4.0
16.0
Section A-A
8.9
45.9
2.0
CPLx-5-50
68.4
± 0.1
72.0
± 0.3
1.75
34.2
2.0
1.5Dia
4.0
16.0
Section A-A
5.2
8.9
54.9
2.0
User direction of feed
CPLx-6-50
5.2
Pin #1
Pin #1
Pin #1
Pin #1
Pin #1
Packaging Information (mm)
Supplied in tape-and-reel packaging, 750 parts per reel, 13” diameter reel.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com