Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM9005 Datasheet(PDF) 4 Page - OKI electronic componets

Part # MSM9005
Description  DOT MATRIX LCD CONTROLLER WITH 8-DOT COMMON DRIVER AND 65-DOT SEGMENT DRIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM9005 Datasheet(HTML) 4 Page - OKI electronic componets

  MSM9005 Datasheet HTML 1Page - OKI electronic componets MSM9005 Datasheet HTML 2Page - OKI electronic componets MSM9005 Datasheet HTML 3Page - OKI electronic componets MSM9005 Datasheet HTML 4Page - OKI electronic componets MSM9005 Datasheet HTML 5Page - OKI electronic componets MSM9005 Datasheet HTML 6Page - OKI electronic componets MSM9005 Datasheet HTML 7Page - OKI electronic componets MSM9005 Datasheet HTML 8Page - OKI electronic componets MSM9005 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
¡ Semiconductor
MSM9005-xx
4/30
FEDL9005-03
PIN DESCRIPTIONS
Pin
Symbol Type Connected to
Description
2 to 20,
52 to 79
82 to 99
S1 to S65
O
LCD segment
22 to 29
C1 to C8
O
LCD common
40
SI
I
Microcontroller
39
C/D
I
Microcontroller
41
SHT
I
Microcontroller
42
SO
I
Microcontroller
38
CS
I
Microcontroller
37
RST
I
Microcontroller
47
48
49
TEST1
TEST2
TEST3
I
46
45
44
OSC1
OSC2
OSC3
I
O
O
10kW
56pF
62±10kW
—
—
OSC1
OSC2
OSC2
LCD segment outputs. Output resistance: £18 kW
LCD common outputs. Output resistance: £6kW
Serial data input. Serial data is input through this pin in 8-bit
units from the MSB side. For details on the configuration of
input data, see "Command Configuration" and "Input Display
Data Configuration".
Command/data select input. When this pin is at the "H" level,
serial input data from SI is recognized as a command. When
this pin is at the "L" level, serial input data from SI is recognized
as display data.
Shift clock input. Data at SI and C/D pins are read synchronizing
with the rising edge of this clock.
Display data is output to the S0 pin synchronizing with the
falling edge of this clock.
Serial data output. This pin outputs display data. For details on
the configuration of output data, see "Output Display Data
Configuration". This pin can be set to high impedance by the
SOE/D command.
Chip select input. When this pin is at the "H" level, chip is
selected, and command and display data can be transferred.
When this pin is at the "L" level, SO output is set to high
impedance, SHT input is set to the "H" level, and SI and C/D
inputs are set to the "L" level, and command and display data
transfer are disabled.
Reset input.
Setting this pin at the "L" level resets to initial status.
Test signal inputs. Set these pins to the same potential as VSS or
unconnected. An error may occur by another setting.
Pins for an 80 kHz RC oscillation circuit. Connect resistors and a
capacitor as shown below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com