Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM9005 Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSM9005
Description  DOT MATRIX LCD CONTROLLER WITH 8-DOT COMMON DRIVER AND 65-DOT SEGMENT DRIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM9005 Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSM9005 Datasheet HTML 4Page - OKI electronic componets MSM9005 Datasheet HTML 5Page - OKI electronic componets MSM9005 Datasheet HTML 6Page - OKI electronic componets MSM9005 Datasheet HTML 7Page - OKI electronic componets MSM9005 Datasheet HTML 8Page - OKI electronic componets MSM9005 Datasheet HTML 9Page - OKI electronic componets MSM9005 Datasheet HTML 10Page - OKI electronic componets MSM9005 Datasheet HTML 11Page - OKI electronic componets MSM9005 Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
¡ Semiconductor
MSM9005-xx
8/30
FEDL9005-03
DC Characteristics (2)
Parameter
Condition
Min.
Applicable pin
"H" Input Voltage
Input pins other
than OSC1
Symbol
Typ.
Max.
Unit
—
0.8VDD
VIH1
—VDD
V
OSC1
—
0.8VDD
VIH2
—VDD
V
Input pins other
than OSC1
—
0.0
VIL1
—
0.2VDD
V
"L" Input Voltage
OSC1
—
0.0
VIL2
—
0.2VDD
V
Input pins other
than TEST
VIN=VDD
—
IIH1
—1
mA
"H" Input Current
TEST
VDD, VIN=5.5V
5
IIH2
—
1000
mA
"L" Input Current
All input pins
VIN=0V
—
IIL
—–1
mA
"H" Output Voltage
IOH=–0.5mA
VDD–0.5
VOH
——
V
"L" Output Voltage
SO
IOL=0.5mA
—
VOL
—
0.5
V
Output Off Leakage Current
VIN=VDD
—
IOFF
—1
mA
VIN=0V
—
—
–1
mA
OSC "H" Output Current
OSC2,
OSC3
VOH=VDD–0.5V
—
IOH
—
–0.15
mA
OSC "L" Output Current
VOL=0.5V
0.15
IOL
——
mA
COM Output Resistance
C1 to C8
IO=+/–50mA—
RC
—6
kW
SEG Output Resistance
S1 to S65
IO=+/–10mA—
RS
—18
kW
Supply Current
VSS
VDD=5.5V, VBI=VDD–8V,
fOSC=80kHz
(External resistor, capacitor)
C=56pF, RS=10kW,
R=66kW
—
ISS
—
0.8
mA
VLCD4
—
IBI
—50
mA
(Ta=–40 to +85
°C, VDD=4.5 to 5.5V, VBI=(VDD–8V) to (VDD–4V))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com