Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP6166 Datasheet(PDF) 4 Page - Fitipower Integrated Technology Inc.

Part # FP6166
Description  600mA Low Noise High PSRR LDO with Shutdown
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6166 Datasheet(HTML) 4 Page - Fitipower Integrated Technology Inc.

  FP6166 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6166 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6166 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6166 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6166 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6166 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6166 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6166 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6166 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
FP6166-0.4-OCT-2012
FP6166
85T
fitipower integrated technology lnc.
Electrical Characteristics
(VIN=VOUT+1V,
pin connected to VIN, CIN=2.2µF, COUT=1µF, TA=25ºC, unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Current Limit
ILIMIT
RLoad=1
600
800
mA
Short Circuit Current
ISHORT
500
mA
Quiescent Current
IQ
IOUT= 0mA
45
70
µA
Standby Current
ISTBY
pin connected to GND
0.1
1
µA
Reference Voltage
VREF
IOUT= 1mA
1
V
Reference Voltage Accuracy
V
REF
IOUT= 1mA
-2
+2
%
Dropout Voltage (Note3)
VDROP
IOUT=150mA
VOUT=1.2V
1050
1260
mV
VOUT=1.8V
750
900
VOUT=2.5V
500
600
VOUT=3.0V
270
330
VOUT=3.3V
230
270
IOUT=300mA
VOUT=1.2V
1730
2075
VOUT=1.8V
1450
1750
VOUT=2.5V
980
1170
VOUT=3.0V
510
610
VOUT=3.3V
400
480
IOUT=600mA
VOUT=1.2V
1995
2395
VOUT=1.8V
1600
1920
VOUT=2.5V
1350
1620
VOUT=3.0V
1150
1380
VOUT=3.3V
890
1070
Line Regulation
V
LINE
IOUT=1mA, VIN=VOUT +1V to 5V
1
8
mV
Load Regulation (Note4)
V
LOAD
IOUT=0mA to 150mA
6
30
mV
Ripple Rejection (Note5)
PSRR
VIN=VOUT+1V,
fRIPPLE = 10kHz
70
dB
Output Noise Voltage (Note5)
VNOISE
COUT=1μF, IOUT=0mA
30
μVRMS
Temperature Coefficient
(Note5)
TC
IOUT = 1mA, VIN = 5V
100
ppm/ºC
Thermal Shutdown Threshold
(Note5)
TSD
150
ºC
T
SD
Hysteresis
25
ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com