Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP6166 Datasheet(PDF) 6 Page - Fitipower Integrated Technology Inc.

Part # FP6166
Description  600mA Low Noise High PSRR LDO with Shutdown
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6166 Datasheet(HTML) 6 Page - Fitipower Integrated Technology Inc.

Back Button FP6166 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6166 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6166 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6166 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6166 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6166 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6166 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6166 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. FP6166 Datasheet HTML 10Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
FP6166-0.4-OCT-2012
FP6166
85T
fitipower integrated technology lnc.
Typical Performance Curves
Figure 4. Quiescent Current vs. Input Voltage
Figure 5. Quiescent Current vs. Input Voltage
Figure 6. Current Limit vs. Temperature
Figure 7. Short Circuit Current vs. Temperature
Figure 8. Output Voltage vs. Temperature
Figure 9. Output Voltage vs. Temperature
30
35
40
45
50
55
60
65
2.1
2.6
3.1
3.6
4.1
4.6
5.1
5.6
Input Voltage (V)
VOUT=1.2V
50
55
60
65
70
75
80
85
3.3
3.8
4.3
4.8
5.3
5.8
Input Voltage (V)
VOUT=3.3V
500
550
600
650
700
750
800
850
900
950
1000
-40
-20
0
20
40
60
80
Temperature (ºC)
VIN=5V
VOUT=1.5V
200
250
300
350
400
450
500
550
600
650
700
-40
-20
0
20
40
60
80
Temperature (ºC)
VIN=5V
VOUT=1.5V
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
-40
-20
0
20
40
60
80
Temperature (ºC)
VIN=3.6V
VOUT=1.2V
3
3.1
3.2
3.3
3.4
3.5
3.6
-40
-20
0
20
40
60
80
Temperature (ºC)
VIN=4.3V
VOUT=3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com