Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP6329 Datasheet(PDF) 3 Page - Fitipower Integrated Technology Inc.

Part # FP6329
Description  Synchronous Buck PWM DC-DC Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6329 Datasheet(HTML) 3 Page - Fitipower Integrated Technology Inc.

  FP6329 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6329 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6329 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6329 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6329 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6329 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6329 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6329 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6329 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
FP6329/A/B-1.0-APR-2010
FP6329/A
85T
fitipower integrated technology lnc.
Absolute Maximum Ratings
● VCC to GND --------------------------------------------------------------------------------------- -0.3V to +16V
● BOOT, V
BOOT - VPHASE ------------------------------------------------------------------------ ---- -0.3V to +16V
● PHASE ---------------------------------------------------------------------------------------------- -5V to +16V
● UGATE ---------------------------------------------------------------------------------------------- V
PHASE - 0.3V to VBOOT +0.3V
● LGATE ---------------------------------------------------------------------------------------------- -0.3V to VCC+0.3V
●FB,COMP to GND -------------------------------------------------------------------------------- -0.3V to +6V
● Continuous Power Dissipation @ T
A=+25°C (PD) ----------------------------------------
SOP-8 ---------------------------------------------------------------------------------- +0.63W
SOP-8 (Expose Pad) --------------------------------------------------------------- +1.25W
● Package Thermal Resistance, SOP-8 (θ
JA) ------------------------------------------------
SOP-8 ---------------------------------------------------------------------------------- +160°C/W
SOP-8 (Expose Pad) --------------------------------------------------------------- +80°C/W
● Junction Temperature --------------------------------------------------------------------------- +150°C
● Storage Temperature Range ------------------------------------------------------------------ -65°C to +150°C
● Lead Temperature (Soldering, 10sec.) ------------------------------------------------------ +260°C
Note 1:
Stresses beyond those listed under “Absolute Maximum Ratings" may cause permanent damage to the device.
Recommended Operating Conditions
● Supply Voltage, V
CC ------------------------------------------------------------------------------ 5V ±5%, 12V ±10%
● Operating Temperature Range ---------------------------------------------------------------- -40°C to +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com