Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP6329 Datasheet(PDF) 8 Page - Fitipower Integrated Technology Inc.

Part # FP6329
Description  Synchronous Buck PWM DC-DC Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6329 Datasheet(HTML) 8 Page - Fitipower Integrated Technology Inc.

Back Button FP6329 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6329 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6329 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6329 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6329 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6329 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. FP6329 Datasheet HTML 10Page - Fitipower Integrated Technology Inc. FP6329 Datasheet HTML 11Page - Fitipower Integrated Technology Inc. FP6329 Datasheet HTML 12Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
FP6329/A/B-1.0-APR-2010
FP6329/A
85T
fitipower integrated technology lnc.
Typical Performance Curves (Continued)
Figure 16. Output Ripple at 0A
Figure 17. Output Ripple at 15A
Figure 18. Transient test: Slew rate:2.5A/µs,(1A to 10A)
Figure 19. Transient test: Slew rate:2.5A/µs, (1A to 15A)
Figure 20. Output short after power on
Figure 21. OCP using DC loading
VCC=12V, VIN=12V
VCC=12V, VIN=12V
VCC=12V, VIN=12V
VCC=12V, VIN=12V
VOUT
VCC=12V, VIN=12V
IL
VOUT
VCC=12V, VIN=12V
IL
VOUT
IL
VOUT
IL
IL
IL
VOUT
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com