Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP6375 Datasheet(PDF) 5 Page - Fitipower Integrated Technology Inc.

Part # FP6375
Description  High Efficiency 1MHz 2.5A Synchronous Step Down Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6375 Datasheet(HTML) 5 Page - Fitipower Integrated Technology Inc.

  FP6375 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6375 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6375 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6375 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6375 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6375 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6375 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6375 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6375 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
FP6375-1.0-JUL-2013
FP6375
85T
fitipower integrated technology lnc.
Electrical Characteristics
(VIN=5V, TA=25°C, unless otherwise specified.)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input Voltage Range
VIN
2.7
5.5
V
Shutdown Current
ISD
EN=GND
0.1
1
μA
Feedback Reference Voltage
VREF
0.588
0.6
0.612
V
FB Input Current
IFB
VFB=VIN
-50
50
nA
PFET RON
RDS(ON),P
0.095
Ω
NFET RON
RDS(ON),N
0.075
Ω
PFET Current Limit
ILIM
4
A
EN Rising Threshold
VENH
1.5
V
EN Falling Threshold
VENL
0.4
V
Input UVLO Threshold
VUVLO
2.7
V
UVLO Hysteresis
VHYS
0.2
V
Oscillation Frequency
FOSC
IOUT=350mA
0.8
1
1.2
MHz
Minimum ON Time
50
ns
Maximum Duty Cycle
100
%
VOUT Discharge Resistance
100
Ω
Thermal Shutdown Temperature
TSD
150
°C
Internal Soft Start Time
TSS
1
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com