Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP6375 Datasheet(PDF) 8 Page - Fitipower Integrated Technology Inc.

Part # FP6375
Description  High Efficiency 1MHz 2.5A Synchronous Step Down Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6375 Datasheet(HTML) 8 Page - Fitipower Integrated Technology Inc.

Back Button FP6375 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6375 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6375 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6375 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6375 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6375 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. FP6375 Datasheet HTML 10Page - Fitipower Integrated Technology Inc. FP6375 Datasheet HTML 11Page - Fitipower Integrated Technology Inc. FP6375 Datasheet HTML 12Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
FP6375-1.0-JUL-2013
FP6375
85T
fitipower integrated technology lnc.
Typical Performance Curves (Continued)
VIN=5V, VOUT=1.8V, C3=22pF, C1 10μF, C2 22μFx2, L1 1.8μH, A
25°C, unless otherwise noted.
IOUT=0A
20ms/div.
IOUT=2.5A
200
μs/div.
Figure 16. Power Off through EN Waveform
Figure 17. Power Off through EN Waveform
IOUT=0.5A to 2.5A
200
μs/div.
Figure 18. Load Transient Waveform
VEN
5V/div.
VLX
2V/div.
IOUT
1A/div.
VOUT
500mV/div.
VEN
5V/div.
VLX
2V/div.
IOUT
1A/div.
VOUT
500mV/div.
IL
1A/div.
VOUT 50mV/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com