Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP6733 Datasheet(PDF) 7 Page - Fitipower Integrated Technology Inc.

Part # FP6733
Description  PWM Controlled, Step-up DC/DC Converter in Tiny Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6733 Datasheet(HTML) 7 Page - Fitipower Integrated Technology Inc.

Back Button FP6733 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6733 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6733 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6733 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6733 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6733 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6733 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. FP6733 Datasheet HTML 10Page - Fitipower Integrated Technology Inc. FP6733 Datasheet HTML 11Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
FP6733-1.6-JUN-2013
FP6733
fitipower integrated technology lnc.
Typical Performance Curves (Continued)
-100
0
100
200
300
400
500
600
700
800
65
70
75
80
85
90
V
IN
=2.5V
V
IN
=2.0V
V
IN
=1.5V
Output Current (mA)
V
IN
=1.0V
0
200
400
600
800
1000
1200
50
60
70
80
90
V
IN
=4.5V
V
IN
=4.0V
V
IN
=3.5V
V
IN
=3.0V
V
IN
=2.5V
V
IN
=2.0V
V
IN
=1.5V
Output current (mA)
V
IN
=1.0V
Figure 16. Efficiency (VOUT=3.3V)
Figure 17. Efficiency (VOUT=5.0V)
(analog control)
-100
0
100
200
300
400
500
600
700
800
3.10
3.12
3.14
3.16
3.18
3.20
3.22
3.24
3.26
3.28
3.30
V
IN
=2.5V
V
IN
=2.0V
Output Current (mA)
V
IN
=1.5V
0
200
400
600
800
1000
1200
4.80
4.82
4.84
4.86
4.88
4.90
4.92
4.94
4.96
4.98
5.00
V
IN
=4.5V
V
IN
=4.0V
V
IN
=3.5V
V
IN
=3.0V
V
IN
=2.5V
V
IN
=2.0V
V
IN
=1.5V
Output current (mA)
V
IN
=1.0V
Figure 18. Load Regulation (VOUT=3.3V)
Figure 19. Load Regulation (VOUT=5.0V)
VIN=5V, 3LEDs, ILED=100mA, COUT=1
μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com