Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP6733 Datasheet(PDF) 8 Page - Fitipower Integrated Technology Inc.

Part # FP6733
Description  PWM Controlled, Step-up DC/DC Converter in Tiny Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6733 Datasheet(HTML) 8 Page - Fitipower Integrated Technology Inc.

Back Button FP6733 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6733 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6733 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6733 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6733 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6733 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6733 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. FP6733 Datasheet HTML 10Page - Fitipower Integrated Technology Inc. FP6733 Datasheet HTML 11Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
FP6733-1.6-JUN-2013
FP6733
fitipower integrated technology lnc.
Application Information
Operation
The FP6733 is designed in a current mode
PFM/PWM scheme which features an automatic
switch PFM/PWM mode to maintain the highest
efficiency and extend battery life.
The quiescent
current is less than 25
μA at no switching status.
The control loop is internally compensated reducing
the amount of external components.
Chip Enable
The FP6733 features a chip enable input pin that
allows on/off control of the regulator.
When
CE=Low, shutdown of the chip occurs and at that
time almost no quiescent current (<1
μA) flows. The
chip
enable
input
is
TTL/CMOS
compatible.
Connect CE to battery for normal operation.
Current Limit Protection
The FP6733 provides cycle-by-cycle over-current
protection.
Current
limit
is
accomplished
by
sensing voltage drop across the drain to source of
power switch.
If the current sense amplifier output
voltage is larger than current-limited threshold level
(Typ. 1.0A), it will immediately turn off power MOS.
Thermal Protection
Thermal protection limits total power dissipation in
the FP6733.
When the junction temperature
exceeds Tj=145
C, the thermal sensor signals the
shutdown logic and turns off most of the internal
circuitry.
The thermal sensor will turn internal
circuitry on again after the IC’s junction temperature
drops 30
C.
Adjustable Output Voltage
The output voltage of FP6733 ranges from 1.25V to
5.0V which is set by the external feedback resistor.
It can be calculated as:
V
1.
1
R1
R
Inductor Selection
A 3.3
μH to 10μH inductor is recommended for
general use.
The value of inductor depends on the
operating frequency.
Higher frequency allows
smaller inductor and capacitor but increasing internal
switching loss.
Two inductor parameters should be
considered, current rating and DCR.
The DCR of
inductor affects the efficiency of the converter.
The
inductor with lowest DCR is chosen for highest
efficiency.
The inductor value can be calculated as:
L
VI V
VI
f
IL V
IL: inductor ripple current, usually set 20% x IL,
which defined as:
IL
V
VI
L f
VI
V
The inductor should be rated for the maximum
output current (IO(MAX)) plus the inductor ripple
current ( I
L) to avoid saturation.
The maximum
inductor current (IL(MAX)) is given by:
IL MA
I max
IL
Capacitor Selection
The FP6733 is permissible to use ceramic capacitor
for hand held instrument applications.
The value of
capacitor depends on acceptable voltage ripple.
The input capacitor can reduce peak current and
noise at power source.
It should be 10
μF at least
and be increased for better input voltage filtering.
Select the input capacitor to meet the input ripple
current and voltage rating.
When selecting an output capacitor, consider the
output ripple voltage and the ripple current.
The
ESR of capacitor is a major factor to the output
ripple.
For best performance, a low ESR output
capacitor is required.
The ripple voltage is given
by:
V
IL ESR
1
f C
The common aluminum-electrolytic capacitors have
high ESR and should be avoided.
Ceramic
capacitors have the lowest ESR in general.
It’s
recommended
to
use
10
μF
ceramic
output
capacitors for the FP6733.
Diode Selection
For diode selection, both forward voltage and diode
capacitance need to be considered.
The output
diode should be rated to the output voltage and
peak switch current.
Schottky diodes, with low
forward voltage drop and fast reverse recovery, are
the ideal choices for FP6733 applications.
Make
sure the diode’s peak current rating is at least IPK and
its breakdown voltage excee
ds VOUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com