Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC859T Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPC859T
Description  Hardware Specifications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC859T Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPC859T Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC859T Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC859T Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC859T Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC859T Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC859T Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC859T Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC859T Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC859T Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 92 page
background image
4
MPC866/859 Hardware Specifications
MOTOROLA
Features
Features
— IEEE 1149.1 test access port (JTAG)
•
Interrupts
— Seven external interrupt request (IRQ) lines
— Twelve port pins with interrupt capability
— The MPC866P and MPC866T have 23 internal interrupt sources; the MPC859P, MPC859T,
and MPC859DSL have 20 internal interrupt sources.
— Programmable priority between SCCs (MPC866P and MPC866T)
— Programmable highest priority request
•
Communications processor module (CPM)
— RISC controller
— Communication-specific commands (for example, GRACEFUL STOP TRANSMIT, ENTER HUNT
MODE
, and RESTART TRANSMIT)
— Supports continuous mode transmission and reception on all serial channels
— Up to 8-Kbytes of dual-port RAM
— MPC866P and MPC866T have 16 serial DMA (SDMA) channels; MPC859P, MPC859T, and
MPC859DSL have 10 serial DMA (SDMA) channels.
— Three parallel I/O registers with open-drain capability
•
Four baud rate generators
— Independent (can be connected to any SCC or SMC)
— Allow changes during operation
— Autobaud support option
•
MPC866P and MPC866T have four SCCs (serial communication controller); MPC859P,
MPC859T, and MPC859DSL have one SCC; and SCC1 on MPC859DSL supports Ethernet only.
— Serial ATM capability on all SCCs
— Optional UTOPIA port on SCC4
— Ethernet/IEEE 802.3 optional on SCC1–4, supporting full 10-Mbps operation
— HDLC/SDLC
— HDLC bus (implements an HDLC-based local area network (LAN))
— Asynchronous HDLC to support PPP (point-to-point protocol)
— AppleTalk
— Universal asynchronous receiver transmitter (UART)
— Synchronous UART
— Serial infrared (IrDA)
— Binary synchronous communication (BISYNC)
— Totally transparent (bit streams)
— Totally transparent (frame based with optional cyclic redundancy check (CRC)
•
Two SMCs (serial management channels) (MPC859DSL has one SMC (SMC1) for UART.)
— UART
— Transparent
— General circuit interface (GCI) controller
— Can be connected to the time-division multiplexed (TDM) channels
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com