Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP6791C Datasheet(PDF) 4 Page - Fitipower Integrated Technology Inc.

Part # FP6791C
Description  PWM Boost DC-DC Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6791C Datasheet(HTML) 4 Page - Fitipower Integrated Technology Inc.

  FP6791C Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6791C Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6791C Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6791C Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6791C Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6791C Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6791C Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6791C Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6791C Datasheet HTML 9Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
FP6791C-1.1-FEB-2012
FP6791C
85T
fitipower integrated technology lnc.
Absolute Maximum Ratings
● Supply Voltage (V
IN) ------------------------------------------------------------------------------------------- -0.3V to + 6.5V
● FB pin voltage (V
FB) ------------------------------------------------------------------------------------------- -0.3V to + 6.5V
● EXT pin voltage (V
EXT) ---------------------------------------------------------------------------------------- -0.3V to + 6.5V
● CSP pin voltage (V
CSP) ---------------------------------------------------------------------------------------- -0.3V to + 6.5V
● CC pin voltage (V
CC) ------------------------------------------------------------------------------------------- -0.3V to + 6.5V
● CC pin current (I
CC) -------------------------------------------------------------------------------------------- ±10mA
● ROSC pin voltage (V
ROSC) ----------------------------------------------------------------------------------- -0.3V to +6.5V
● ROSC pin current (I
ROSC) ------------------------------------------------------------------------------------- ±10mA
● RDUTY pin voltage (V
RDUTY) --------------------------------------------------------------------------------- -0.3V to +6.5V
● RDUTY pin current (I
RDUTY) ---------------------------------------------------------------------------------- ±10mA
● Storage temperature (T
STG) ---------------------------------------------------------------------------------- -40°C to +125°C
● Power dissipation (T
A=+25°C), TSSOP-8 ---------------------------------------------------------------- +560mW
● Package Thermal Resistance, TSSOP-8 (θ
JA) ---------------------------------------------------------- 180°C/W
● Junction Temperature ----------------------------------------------------------------------------------------- +150°C
● Storage Temperature Range -------------------------------------------------------------------------------- -65°C to +150°C
● Lead Temperature (Soldering, 10s) ----------------------------------------------------------------------- +260°C
Note 1:
Stresses beyond those listed under “Absolute Maximum Ratings" may cause permanent damage to the device.
Recommended Operating Conditions
● Supply Voltage (VIN) ------------------------------------------------------------------------------------------- +2.6V to +6V
● Operation Temperature Range (T
OPR) --------------------------------------------------------------------- -40°C to +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com