Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP6791C Datasheet(PDF) 6 Page - Fitipower Integrated Technology Inc.

Part # FP6791C
Description  PWM Boost DC-DC Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6791C Datasheet(HTML) 6 Page - Fitipower Integrated Technology Inc.

Back Button FP6791C Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6791C Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6791C Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6791C Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6791C Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6791C Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6791C Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6791C Datasheet HTML 9Page - Fitipower Integrated Technology Inc. FP6791C Datasheet HTML 10Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
FP6791C-1.1-FEB-2012
FP6791C
85T
fitipower integrated technology lnc.
Typical Performance Curves
Figure 4. Efficiency vs. Output Current
Figure 5. Output Voltage vs. Output Current
2.5
3.0
3.5
4.0
4.5
5.0
1.06
1.08
1.10
1.12
1.14
1.16
1.18
1.20
V
IN
(V)
Figure 6. Frequency vs. Input Voltage
Figure 7. Frequency vs. Junction Temperature
Figure 8. UVLO Low Level vs. Junction Temperature
Figure 9. UVLO High Level vs. Junction Temperature
10
100
30
40
50
60
70
80
90
100
Freq=1.1MHz
L=10uH
V
IN
=5V
V
OUT
=10.5V
Output current ( mA )
50
100
150
200
250
300
10.1
10.2
10.3
10.4
10.5
10.6
10.7
Output Current (mA)
-40
-20
0
20
40
60
80
1.10
1.11
1.12
1.13
1.14
1.15
1.16
1.17
1.18
Junciton Temperature
(
oC)
-40
-20
0
20
40
60
80
2.18
2.19
2.20
2.21
2.22
2.23
2.24
2.25
2.26
Junction Temperature
(
oC)
-40
-20
0
20
40
60
80
2.48
2.49
2.50
2.51
2.52
2.53
2.54
2.55
Junction Temperature
(
oC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com