Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPF8F Datasheet(PDF) 6 Page - Generalplus Technology Inc.

Part # GPF8F
Description  16-bit Sound Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPF8F Datasheet(HTML) 6 Page - Generalplus Technology Inc.

Back Button GPF8F Datasheet HTML 2Page - Generalplus Technology Inc. GPF8F Datasheet HTML 3Page - Generalplus Technology Inc. GPF8F Datasheet HTML 4Page - Generalplus Technology Inc. GPF8F Datasheet HTML 5Page - Generalplus Technology Inc. GPF8F Datasheet HTML 6Page - Generalplus Technology Inc. GPF8F Datasheet HTML 7Page - Generalplus Technology Inc. GPF8F Datasheet HTML 8Page - Generalplus Technology Inc. GPF8F Datasheet HTML 9Page - Generalplus Technology Inc. GPF8F Datasheet HTML 10Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
GPF8F Series
© Generalplus Technology Inc.
Proprietary & Confidential
6
Aug. 03, 2018
Version: 1.1
6 SIGNAL DESCRIPTIONS
Mnemonic
Type
Description
PORT A, Port B
IOA [15:0]
I/O
IOA[15:0]: bi-direction I/O ports
It is programmable as wakeup I/O pins.
IOB [15:0]
I/O
IOB [15:0]: bi-directional I/O ports.
It is programmable as wakeup I/O pins.
Power & GND
VDD_IOA1
P
Power for IOA0~IOA9
VSS_IOA1
G
Ground for IOA0~IOA9
VDD_IOA2
P
Power for IOA10~IOA15
VSS_IOA2
G
Ground for IOA10~IOA15
VDD_IOB1
P
Power for IOB---5V domain
VDD_IOB2
P
Power for IOB---5V domain
VSS_IOB
G
Ground for IOB
V33ADC_REGO
P
3.3V Power output from regulator for CODEC ADC (3.3V)
VSS_ADC
G
Ground for CODEC ADC
V33_REGO
P
3.3V Power output from regulator
V18_REGO
P
1.8V Power output from regulator, for core power
VDD_REGIN
P
Power supply for regulator (2.2V~5.5V)
VSS_REG
G
Ground reference for regulator
VDD_DAC
P
Positive 5V supply for push-pull DAC
VSS_DAC
G
Ground reference for push-pull DAC
VDD_PDAC
P
Positive 5V supply for push-pull DAC post driver
VSS_PDAC
G
Ground reference for push-pull DAC post driver
OPTION
TEST
I
TEST Mode selection pin, high is test mode and low is normal mode (Pad internal pull
low)
—3V domain
DAC
AUDP
O
Audio output of push pull DAC
AUDN
O
Audio output of push pull DAC
ACIN
U
Audio analog mixer in
ADC
MICIN
I
Microphone input
—3V domain, pad power from V333ADC_REGO
ADVCM
I
Common
voltage(1/2*VDD)
for
amplifier
and
ADC
—3V domain, pad power from
V333ADC_REGO
ICE
ICE_CLK
I
ICE clock (with pull low)
—3V domain, pad power from V33_REGO
ICE_SDA
I/O
ICE serial data bus
—3V domain, pad power from V33_REGO
ICE_EN
I
ICE enable (high active , with pull low)
—3V domain, pad power from V33_REGO
Other Signal
RESETB
I
System reset pin (active low) (internal 47Kohm pull high resistor) , pad power from
VDD_IOB1 / VDD_IOB2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com