Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPF8F Datasheet(PDF) 11 Page - Generalplus Technology Inc.

Part # GPF8F
Description  16-bit Sound Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPF8F Datasheet(HTML) 11 Page - Generalplus Technology Inc.

Back Button GPF8F Datasheet HTML 7Page - Generalplus Technology Inc. GPF8F Datasheet HTML 8Page - Generalplus Technology Inc. GPF8F Datasheet HTML 9Page - Generalplus Technology Inc. GPF8F Datasheet HTML 10Page - Generalplus Technology Inc. GPF8F Datasheet HTML 11Page - Generalplus Technology Inc. GPF8F Datasheet HTML 12Page - Generalplus Technology Inc. GPF8F Datasheet HTML 13Page - Generalplus Technology Inc. GPF8F Datasheet HTML 14Page - Generalplus Technology Inc. GPF8F Datasheet HTML 15Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
GPF8F Series
© Generalplus Technology Inc.
Proprietary & Confidential
11
Aug. 03, 2018
Version: 1.1
FIQ/IRQ signal makes CPU to complete the
wakeup process and initialization.
The CPU
wakeup source is given in the following table.
Wakeup up source include all FIQ source and all
interrupt source.
7.11.2 Watchdog Reset
If the watchdog function is enabled, a reset signal is generated to
reset system when watchdog counter is overflow.
7.12 ADC (Analog to Digital Converter)
7.12.1 ADC for Line-in
The GPF8F has eight channels 12-bit ADC (Analog to Digital
Converter) to convert analog signal to digital signal.
The eight
channels of ADC can be eight channels of line-in from IOB [7:0].
7.12.2
ADC for microphone-in
Codec 16-bit ADC for microphone amplifier and digital AGC
circuit included.
7.13 SPU and Software Channel
The GPF8F uses a high performance SPU voice engine to
archive 8-channel voice with ADPCM/PCM code.
The SPU also
supports automatic zero-crossing concatenating function.
A
hardware multiplier is also embedded in this SPU for software
usage.
The fixed addresses of RAM area $0000 - $008A is
designed as address pointers and a data buffer for the 8-channel
speech/ melody generation.
Moreover, two 14-bit software
channels with noise filter are also supported.
There is one
14-bit DAC with push-pull amplifier for direct audio output.
7.14 UART Interface
The
UART/
IrDA
module
built
in
GPF8F
performs
serial-to-parallel conversion on data received from an external
device and it also performs parallel-to-serial conversion on data
transmitted to the external device.
7.15 SPIFC
A Serial Peripheral Interface FLASH controller (SPIFC) is built in
GPF8F to facilitate communicating with other devices and
components, especially for SPI FLASH.
The SPIFC supports
one-I/O, two-I/O, four-I/O mode of SPI FLASH.
The SPIFC also
supports auto mode which can access SPI FLASH data directly,
therefore user
’s program can be placed at external SPI FLASH.
There are six control signals on SPI - SPICS (IOA12), SPICK
(IOA13), SDI (IOA14), SDO (IOA15), SPIIO3 (IOA10, only for 4
I/O mode), and SPIIO2 (IOA11, only for 4 I/O mode).
7.15.1 SPI2
A Serial Peripheral Interface controller (SPI2) is built in GPF8F to
facilitate communicating with other devices and components.
There are four control signals on SPI2 - SPICS (IOB12), SPICK
(IOB13), SDI (IOB14), and SDO (IOB15).
D7
D6
D4
D5
D2
D3
D0
D1
D7
D6
D5
D3
D4
D2
D0
D1
SPICK(POL=0)
SPICK(POL=1)
SDO
SDI
SPICS
PHASE = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com