Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPCE2064C Datasheet(PDF) 21 Page - Generalplus Technology Inc.

Part # GPCE2064C
Description  16-bit Sound Controller With 32 K x 16 ROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPCE2064C Datasheet(HTML) 21 Page - Generalplus Technology Inc.

Back Button GPCE2064C Datasheet HTML 16Page - Generalplus Technology Inc. GPCE2064C Datasheet HTML 17Page - Generalplus Technology Inc. GPCE2064C Datasheet HTML 18Page - Generalplus Technology Inc. GPCE2064C Datasheet HTML 19Page - Generalplus Technology Inc. GPCE2064C Datasheet HTML 20Page - Generalplus Technology Inc. GPCE2064C Datasheet HTML 21Page - Generalplus Technology Inc. GPCE2064C Datasheet HTML 22Page - Generalplus Technology Inc. GPCE2064C Datasheet HTML 23Page - Generalplus Technology Inc. GPCE2064C Datasheet HTML 24Page - Generalplus Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
GPCE2064C
© Generalplus Technology Inc.
Proprietary & Confidential
21
Jun 12, 2017
Version: 1.2
9 PACKAGE/PAD LOCATIONS
9.1 Ordering Information
Product Number
Package Type
GPCE2064C-NnnV-C
Chip form
GPCE2064C-NnnV-HS03x
Halogen Free Package
GPCE2064C-NnnV-HL23x
Halogen Free Package
Note1: Code number is assigned for customer.
Note2: Code number (N = A - Z or 0 - 9, nn = 00 - 99); version (V = A - Z).
Note3: x = 0
– 9, serial number
9.2 Package Information
9.2.1 SOP-16
Symbol
Inch
Min.
Nom.
Max.
A
0.053
-
0.069
A1
0.004
-
0.010
D
0.386
-
0.394
E
0.150
-
0.157
H
0.228
-
0.244
L
0.016
-
0.050
θ°
0°
-
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com