Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPCE2064C Datasheet(PDF) 4 Page - Generalplus Technology Inc.

Part # GPCE2064C
Description  16-bit Sound Controller With 32 K x 16 ROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPCE2064C Datasheet(HTML) 4 Page - Generalplus Technology Inc.

  GPCE2064C Datasheet HTML 1Page - Generalplus Technology Inc. GPCE2064C Datasheet HTML 2Page - Generalplus Technology Inc. GPCE2064C Datasheet HTML 3Page - Generalplus Technology Inc. GPCE2064C Datasheet HTML 4Page - Generalplus Technology Inc. GPCE2064C Datasheet HTML 5Page - Generalplus Technology Inc. GPCE2064C Datasheet HTML 6Page - Generalplus Technology Inc. GPCE2064C Datasheet HTML 7Page - Generalplus Technology Inc. GPCE2064C Datasheet HTML 8Page - Generalplus Technology Inc. GPCE2064C Datasheet HTML 9Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
GPCE2064C
© Generalplus Technology Inc.
Proprietary & Confidential
4
Jun 12, 2017
Version: 1.2
16-BIT SOUND CONTROLLER
WITH 32K X 16 ROM
1 GENERAL DESCRIPTION
GPCE2064C, a 16-bit architecture sound controller, features a
16-bit microprocessor
’nSP™ (pronounced as micro-n-SP) to
handle complex digital signal processes
efficiently.
The
operating voltage from 2.4V to 5.5V and clock speed from
0.140625MHz through 48MHz allows GPCE2064C to be adopted
in variety of applications.
Furthermore, it also features a
32K-word ROM with a 2K-word working SRAM memory, 20
programmable multi-functional I/Os, three 16-bit timers/counters,
32KHz clock, Low Voltage Reset/Detection, one 14-bit DAC with
push-pull amplifier, and many others.
2 FEATURE
 16-bit
’nSP™ microprocessor
 CPU Clock: 0.140625MHz - 48MHz
 Operating Voltage: 2.4V - 5.5V
 Power regulator built-in with input voltage: 2.4~5.5V, output
voltage: 2.4~3.3V
 IO PortA[11:0] & IOB[3:0] Operating Voltage: 2.4V - 5.5V
 IO PortA[15:12] Operating Voltage: 2.4V
– 3.3V
 32K-word fast speeds ROM
 2K-word working SRAM
 Software-based audio processing
 Two sets of 14-bit software channel with noise filter, mixer and
scalar to generate high quality sound
 Standby mode for power savings
 Three 16-bit timers/counters
 One 14-bit DAC with push-pull amplifier with cascade mode
supported.
 20 general I/Os (bit programmable)
 Key wakeup function (IOA0 - 15)
 PLL feature for system clock
 32KHz internal resistor oscillator selected.
 Low voltage reset and low voltage detection
 Watchdog enable (always on)
 One SPI serial interface I/O
3 APPLICATION FIELD
 Intelligent Interactive Talking Toy
 Advanced Educational Toy
 Children
’s Learning Product
 Children
’s Storybook
 General Speech Synthesizer
 Long Duration Audio Product
 Playback Product



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com