Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TO-220FP Datasheet(PDF) 4 Page - Hi-Sincerity Mocroelectronics

Part # TO-220FP
Description  N-Channel Power Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

TO-220FP Datasheet(HTML) 4 Page - Hi-Sincerity Mocroelectronics

  TO-220FP Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics TO-220FP Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics TO-220FP Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics TO-220FP Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics TO-220FP Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics TO-220FP Datasheet HTML 6Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : MOS200402
Issued Date : 2004.04.01
Revised Date : 2005.03.10
Page No. : 4/6
H06N60U, H06N60E, H06N60F
HSMC Product Specification
TO-220AB Dimension
TO-220FP Dimension
A
B
E
G
I
K
M
O
P
3
2
1
C
N
H
D
Tab
F
J
L
Marking:
Control Code
Date Code
HE
06
Pb Free Mark
Pb-Free: "
. " (Note)
Normal: None
N6 0
Note: Green label is used for pb-free packing
Pin Style: 1.Gate 2 & Tab.Drain 3.Source
Material:
• Lead solder plating: Sn60/Pb40 (Normal),
Sn/3.0Ag/0.5Cu or Pure-Tin (Pb-free)
• Mold Compound: Epoxy resin family,
flammability solid burning class: UL94V-0
3-Lead TO-220AB
Plastic Package
HSMC Package Code: E
DIM
Min.
Max.
A
5.58
7.49
B
8.38
8.90
C
4.40
4.70
D
1.15
1.39
E
0.35
0.60
F
2.03
2.92
G
9.66
10.28
H
-
*16.25
I-
*3.83
J
3.00
4.00
K
0.75
0.95
L
2.54
3.42
M
1.14
1.40
N-
*2.54
O
12.70
14.27
P
14.48
15.87
*: Typical, Unit: mm
Marking:
Control Code
Date Code
HF
06
Pb Free Mark
Pb-Free: "
. " (Note)
Normal: None
N6 0
Note: Green label is used for pb-free packing
Pin Style: 1.Gate 2.Drain 3.Source
Material:
• Lead solder plating: Sn60/Pb40 (Normal),
Sn/3.0Ag/0.5Cu or Pure-Tin (Pb-free)
• Mold Compound: Epoxy resin family,
flammability solid burning class: UL94V-0
3-Lead TO-220FP
Plastic Package
HSMC Package Code: F
A
D
F
G
I
K
L
M
3
2
1
C
J
N
α3
E
α2
O
α4
α5
α1
DIM
Min.
Max.
A
6.48
7.40
C
4.40
4.90
D
2.34
3.00
E
0.45
0.80
F
9.80
10.36
G
3.10
3.60
I
2.70
3.43
J
0.60
1.00
K
2.34
2.74
L
12.48
13.60
M
15.67
16.20
N
0.90
1.47
O
2.00
2.96
α1/2/4/5
-*5o
α3
-*27o
*: Typical, Unit: mm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com