Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPCE4XXXX Datasheet(PDF) 8 Page - Generalplus Technology Inc.

Part # GPCE4XXXX
Description  16-bit Sound Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPCE4XXXX Datasheet(HTML) 8 Page - Generalplus Technology Inc.

Back Button GPCE4XXXX Datasheet HTML 4Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 5Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 6Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 7Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 8Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 9Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 10Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 11Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 12Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
GPCE4XXXX
© Generalplus Technology Inc.
Proprietary & Confidential
8
Jun. 26, 2017
Version: 1.1
Mnemonic
Type
Description
MICP
I
MIC amplifier input positive (Internal Floating)
MICN
I
MIC amplifier input negative (refer to application circuit)
VMIC
O
Microphone power supply
VADREF
O
AVREF_DA reference pin
PLL
VCOIN
I
PLL6M low pass filter input
Other Signal
RESETB
I
System reset pin (active low) (internal 47Kohm pull high resistor)
VPP
I
OTP program VPP pin
EPM
I
Program enable pin
USB
USB_DP
I/O
USB DP pin of USBPHY
USB_DM
I/O
USB DM pin of USBPHY
Auto Trim FUSE
VFSOURCE
I
Trimming Power PAD for IROSC6M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com