Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF88132DA Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCF88132DA
Description  (67 1) x 102 pixels matrix LCD driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF88132DA Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCF88132DA Datasheet HTML 3Page - NXP Semiconductors PCF88132DA Datasheet HTML 4Page - NXP Semiconductors PCF88132DA Datasheet HTML 5Page - NXP Semiconductors PCF88132DA Datasheet HTML 6Page - NXP Semiconductors PCF88132DA Datasheet HTML 7Page - NXP Semiconductors PCF88132DA Datasheet HTML 8Page - NXP Semiconductors PCF88132DA Datasheet HTML 9Page - NXP Semiconductors PCF88132DA Datasheet HTML 10Page - NXP Semiconductors PCF88132DA Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 72 page
background image
2004 Mar 05
7
Philips Semiconductors
Product specification
(67 + 1)
× 102 pixels matrix LCD driver
PCF8813
7
FUNCTIONAL DESCRIPTION
7.1
I/O buffer and interface
One of five industrial standard interfaces can be selected
using the interface configuration inputs PS2, PS1 and
PS0.
Table 1
Parallel/serial/I2C-bus interface selection
7.2
Oscillator
The on-chip oscillator provides the clock signal for the
display system. No external components are required.
An external clock signal, if used, is connected to this input.
7.3
Address counter
The Address Counter (AC) assigns addresses to the
display data RAM for writing. The X address X[6:0] and the
Y address Y[3:0] are set separately.
7.4
Display data RAM
The PCF8813 contains a 68
× 102 bit static RAM which
stores the display data. The Display Data RAM (DDRAM)
is divided into eight banks of 102 bytes (8
× 8 × 102 bits),
one bank of 1
× 3 × 102 bits and a separate bank of
1
× 1 × 102 for icons. During RAM access, data is
transferred to the RAM via any of the four interfaces. There
is a direct correspondence between the X address and the
column output number.
7.5
Timing generator
The timing generator produces the various signals
required to drive the internal circuitry. Internal chip
operation is not affected by operations on the data buses.
7.6
Display address counter
The display is generated by continuously shifting rows of
RAM data to the dot matrix LCD via the column outputs.
The display status (all dots on/off and normal/inverse
video) is set by bits D and E in the display control
command.
7.7
LCD row and column drivers
The PCF8813 contains 68 row and 102 column drivers,
which connect the appropriate LCD bias voltages in a
sequence to the display in accordance with the data that is
to be displayed. Figure 2 shows typical waveforms.
Unused outputs should be left unconnected.
PS2
PS1
PS0
INTERFACE
0
0
0
3-line SPI
0
0
1
4-line SPI
0
1
0
8080 parallel interface
0
1
1
6800 parallel interface
100
high-speed I2C-bus interface
110
101
3-line serial interface
111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com