Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF88132DA Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCF88132DA
Description  (67 1) x 102 pixels matrix LCD driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF88132DA Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCF88132DA Datasheet HTML 13Page - NXP Semiconductors PCF88132DA Datasheet HTML 14Page - NXP Semiconductors PCF88132DA Datasheet HTML 15Page - NXP Semiconductors PCF88132DA Datasheet HTML 16Page - NXP Semiconductors PCF88132DA Datasheet HTML 17Page - NXP Semiconductors PCF88132DA Datasheet HTML 18Page - NXP Semiconductors PCF88132DA Datasheet HTML 19Page - NXP Semiconductors PCF88132DA Datasheet HTML 20Page - NXP Semiconductors PCF88132DA Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 72 page
background image
2004 Mar 05
17
Philips Semiconductors
Product specification
(67 + 1)
× 102 pixels matrix LCD driver
PCF8813
8
PARALLEL INTERFACES
The parallel interface is an 8-bit bidirectional interface for
communication between the microcontroller and the LCD
driver chip. Two different parallel interfaces can be
selected by the inputs PS2, PS1 and PS0.
8.1
6800-type parallel interface
The interface functions of the 6800-type parallel interface
are shown in Table 2.
Table 2
6800-type parallel interface function
The 6800-type parallel interface can be configured to have
the clock connected to the Enable input (E) with timing as
shown in Fig.38, or with the clock connected to the chip
select input (SCE) and the Enable (E) is tied HIGH with
timing as shown in Fig.39. The PCF8813 is capable of
detecting these different modes automatically.
8.2
8080-type parallel interface
Table 3 shows the interface functions of the 8080-type
parallel interface.
Table 3
6800-type parallel interface function
9
SERIAL INTERFACES
Communication with the microcontroller can also be via a
clock-synchronized serial peripheral interface. It is
possible to select two different 3-line interfaces (SPI and
serial interface) or a 4-line serial interface (SPI). Selection
of the interface is made with the inputs PS2, PS1 and PS0
(see Section 7.1).
9.1
Serial peripheral interface
The Serial Peripheral Interface (SPI) is a 3-line or 4-line
interface for communication between the microcontroller
and the LCD driver. The 3-line interface requires a chip
enable input (SCE), serial clock (SCLK) and serial
data (SDATA). For the 4-line serial interface, a separate
D/C line is added. The PCF8813 is connected to the serial
data I/O (SDATA) of the microcontroller via the pads data
input (SDATA) and data output (SDOUT) connected
together.
9.1.1
WRITE MODE
The display data/command indication may be controlled
via software or by the D/C select input. When the D/C input
is used, display data is transmitted when D/C is HIGH, and
command data is transmitted when D/C is LOW (see
Figs 15 and 16). When D/C is not used, the display data
length instruction is used to indicate that a specific number
of display data bytes (1 to 256) are to be transmitted (see
Fig.17). The byte that follows the display data string is
handled as an instruction command.
If SCE is pulled HIGH during a serial display data stream,
the interrupted byte is invalid data but all previously
transmitted data is valid. The next byte received will be
handled as an instruction command (see Fig.18).
D/CR/WR
OPERATION
0
0
command data write
0
1
read status register
1
0
display data write
1
1
none
D/C
RD
WR
OPERATION
0
1
0
command data write
0
0
1
read status register
1
1
0
display data write
1
1
1
none



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com