Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP8113 Datasheet(PDF) 1 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

Part # TP8113
Description  High power factor linear constant current LED driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TPOWER [Shenzhen Tianyuan Semiconductor Co., Ltd.]
Direct Link  http://www.tpower-ic.com/
Logo TPOWER - Shenzhen Tianyuan Semiconductor Co., Ltd.

TP8113 Datasheet(HTML) 1 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

  TP8113 Datasheet HTML 1Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8113 Datasheet HTML 2Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8113 Datasheet HTML 3Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8113 Datasheet HTML 4Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8113 Datasheet HTML 5Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8113 Datasheet HTML 6Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8113 Datasheet HTML 7Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8113 Datasheet HTML 8Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8113 Datasheet HTML 9Page - Shenzhen Tianyuan Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TP8113
高功率因数线性恒流 LED 驱动
Ver1.4
Shenzhen TPOWER Semiconductor
1
概述
TP8113 是一款高功率因数线性恒流 LED 驱动芯片,应用于
市电输入的 LED 照明领域。芯片集成高压启动电路以及高
压功率 MOS 管,最高耐压达 700V,可以直接接整流之后的
110V 或 220V 交流市电,应用电路非常简单,无需电解电容
和电感,系统工作时没有 EMI 的问题,且具有高功率因数
和低谐波失真的特点。芯片使用专有的线性恒流控制技术,
使得芯片之间的电流精度控制在 5%以内。
芯片具有 LED 开路保护、LED 短路保护以及温度补偿功能,
使得应用时系统具有最大程度的安全性。
特点
 集成 700V 高压启动电路以及高压功率 MOS
 无需电解电容以及电感
 没有 EMI 问题
 功率因数:>0.95
 效率:>0.85
 具有 LED 开路以及 LED 短路保护
 高温时 LED 电流温度补偿
 最高输出平均电流 75mA
 单颗最大输出功率 15W
 封装形式:SOT89-5L/TO252-5L
应用
 LED 日光灯管
 LED 球泡灯
 LED 吸顶灯
 LED 面板灯
典型应用电路


Similar Part No. - TP8113

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tianyuan Semic...
TP8111 TPOWER-TP8111 Datasheet
661Kb / 9P
No stroboscopic linear constant current LED driver
More results

Similar Description - TP8113

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UPSLD01 UTC-UPSLD01 Datasheet
157Kb / 5P
HIGH POWER FACTOR LINEAR CONSTANT CURRENT LED DRIVER
logo
E-CMOS Corporation
EC4220 E-CMOS-EC4220 Datasheet
210Kb / 5P
High power factor linear constant current LED driver (Preliminary Version)
logo
Unisonic Technologies
UL51A UTC-UL51A Datasheet
101Kb / 6P
HIGH POWER FACTOR LINEAR CONSTANT CURRENT LED DRIVER
UL52A UTC-UL52A Datasheet
150Kb / 6P
HIGH POWER FACTOR LINEAR CONSTANT CURRENT LED DRIVER
UL52B UTC-UL52B Datasheet
175Kb / 6P
HIGH POWER FACTOR LINEAR CONSTANT CURRENT LED DRIVER
UL52C UTC-UL52C Datasheet
191Kb / 6P
HIGH POWER FACTOR LINEAR CONSTANT CURRENT LED DRIVER
logo
Shenzhen Tianyuan Semic...
TP8123 TPOWER-TP8123 Datasheet
519Kb / 7P
Switch dimming high power factor linear constant current LED driver
logo
Shenzhen Huazhimei Semi...
HM7141 HMSEMI-HM7141 Datasheet
951Kb / 9P
high power factor linear constant current LED chip
HM7141T HMSEMI-HM7141T Datasheet
752Kb / 9P
High power factor linear constant current LED chip
HM7143 HMSEMI-HM7143 Datasheet
781Kb / 8P
High power factor linear constant current LED chip
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com