Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP6001R Datasheet(PDF) 6 Page - 3PEAK INC.

Part # TP6001R
Description  1MHz, 80關A, RRIO, Op Amps
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TP6001R Datasheet(HTML) 6 Page - 3PEAK INC.

Back Button TP6001R Datasheet HTML 2Page - 3PEAK INC. TP6001R Datasheet HTML 3Page - 3PEAK INC. TP6001R Datasheet HTML 4Page - 3PEAK INC. TP6001R Datasheet HTML 5Page - 3PEAK INC. TP6001R Datasheet HTML 6Page - 3PEAK INC. TP6001R Datasheet HTML 7Page - 3PEAK INC. TP6001R Datasheet HTML 8Page - 3PEAK INC. TP6001R Datasheet HTML 9Page - 3PEAK INC. TP6001R Datasheet HTML 10Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
www.3peakic.com.cn
Rev.0.03
6 / 17
TP6001/TP6002/TP6004
1MHz, 8
0μA, RRIO, Op Amps
Typical Performance Characteristics
VS = 5V, VCM = 2.5V, RL = Open, unless otherwise specified.
Figure 1. Unity Gain Bandwidth vs. Temperature
Figure 2. Open-Loop Gain and Phase
Figure 3. Supply Current vs. Temperature
Figure 4. Short Circuit Current vs. Temperature
Figure 5. Quiescent Current vs. Supply Voltage
Figure 6. Offset Voltage vs. Common-Mode Voltage
0.0
0.3
0.5
0.8
1.0
1.3
1.5
1.8
2.0
-50
0
50
100
150
Temperature(
℃)
-150
-100
-50
0
50
100
150
200
-60
-40
-20
0
20
40
60
80
100
120
140
0.1
10
1k
100k
10M
1000M
Frequency (Hz)
Phase
Gain
0
20
40
60
80
100
120
-50
0
50
100
150
Temperature(
℃)
V
CM= 0V
V
CM= 2.5V
V
CM= 5.0V
0
20
40
60
80
100
120
140
-50
0
50
100
150
Temperature(
℃)
ISINK
ISOURCE
0
20
40
60
80
100
120
1.5
2
2.5
3
3.5
4
4.5
5
Supply Voltage (V)
-1500
-1000
-500
0
500
1000
1500
0
1
2
3
4
5
Common-mode voltage(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com