Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP6001R Datasheet(PDF) 8 Page - 3PEAK INC.

Part # TP6001R
Description  1MHz, 80關A, RRIO, Op Amps
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TP6001R Datasheet(HTML) 8 Page - 3PEAK INC.

Back Button TP6001R Datasheet HTML 4Page - 3PEAK INC. TP6001R Datasheet HTML 5Page - 3PEAK INC. TP6001R Datasheet HTML 6Page - 3PEAK INC. TP6001R Datasheet HTML 7Page - 3PEAK INC. TP6001R Datasheet HTML 8Page - 3PEAK INC. TP6001R Datasheet HTML 9Page - 3PEAK INC. TP6001R Datasheet HTML 10Page - 3PEAK INC. TP6001R Datasheet HTML 11Page - 3PEAK INC. TP6001R Datasheet HTML 12Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
www.3peakic.com.cn
Rev.0.03
8 / 17
TP6001/TP6002/TP6004
1MHz, 8
0μA, RRIO, Op Amps
Figure 13. EMIRR IN+ vs. Frequency
Figure 14. Large-Scale Step Response
Figure 15. Negative Over-Voltage Recovery
Figure 16. Positive Over-Voltage Recovery
Figure 17. Negative Output Swing vs. Load Current
Figure 18. Positive Output Swing vs. Load Current
0
10
20
30
40
50
60
70
80
90
1
10
100
1000
Frequency (MHz)
Time (50
μs/div)
Gain = 1
RL = 10kΩ
Time (50
μs/div)
Gain = +10
±V = ±2.5V
Time (50
μs/div)
Gain = +10
±V = ±2.5V
-140
-120
-100
-80
-60
-40
-20
0
0
1
2
3
4
5
Vout Dropout (V)
25℃
-40℃
125℃
0
20
40
60
80
100
120
0
1
2
3
4
5
Vout Dropout (V)
25
℃
-40
℃
125℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com