Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7518 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7518
Description  MULTICHIP MODULE FOR CAR-RADIO APPLICATIONS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7518 Datasheet(HTML) 6 Page - STMicroelectronics

  TDA7518 Datasheet HTML 1Page - STMicroelectronics TDA7518 Datasheet HTML 2Page - STMicroelectronics TDA7518 Datasheet HTML 3Page - STMicroelectronics TDA7518 Datasheet HTML 4Page - STMicroelectronics TDA7518 Datasheet HTML 5Page - STMicroelectronics TDA7518 Datasheet HTML 6Page - STMicroelectronics TDA7518 Datasheet HTML 7Page - STMicroelectronics TDA7518 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TDA7518
6/8
Figure 2. TQFP144 (20 x 20 x 1.4mm) Mechanical Data & Package Dimensions
OUTLINE AND
MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.60
0.063
A1
0.05
0.15
0.002
0.006
A2
1.35
1.40
1.45
0.053
0.055
0.057
B
0.17
0.22
0.27
0.007
0.009
0.011
C
0.09
0.20
0.003
0.008
D
22.00
0.866
D1
20.00
0.787
D3
17.50
0.689
e
0.50
0.020
E
22.00
0.866
E1
20.00
0.787
E3
17.50
0.689
L
0.45
0.60
0.75
0.018
0.024
0.030
L1
1.00
0.0393
K
3.5˚ (min.), 7˚(max.)
TQFP144
(20x20x1.40mm)
0099183 B
Note 1: Exact shape of each corner is optional.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com