Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7518 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7518
Description  MULTICHIP MODULE FOR CAR-RADIO APPLICATIONS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7518 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7518 Datasheet HTML 1Page - STMicroelectronics TDA7518 Datasheet HTML 2Page - STMicroelectronics TDA7518 Datasheet HTML 3Page - STMicroelectronics TDA7518 Datasheet HTML 4Page - STMicroelectronics TDA7518 Datasheet HTML 5Page - STMicroelectronics TDA7518 Datasheet HTML 6Page - STMicroelectronics TDA7518 Datasheet HTML 7Page - STMicroelectronics TDA7518 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
TDA7518
October 2004
1
FEATURES
■
HIGH-PERFORMANCE ELECTRICALLY
ADJUSTED FRONT-END FOR AM/FM
RECEIVERS
■
HIGH-SPEED PLL FOR OPTIMIZED RDS
APPLICATIONS
■
IF COUNTER WITH SEARCH-STOP SIGNAL
■
IF BANDWIDTH CONTROL FUNCTION
■
INTEGRATED AM AND FM DEMODULATORS
■
ADJUSTMENT-FREE STEREODECODER
■
AM/FM NOISE BLANKERS
■
PROGRAMMABLE MULTIPATH AND
QUALITY DETECTORS
■
3 STEREO AND 3 MONO INPUTS WITH FULL
MIXING CAPABILITY
■
BASS, TREBLE AND LOUDNESS CONTROLS
■
DYNAMIC COMPRESSION STAGE
■
4 INDEPENDENT SPEAKER OUTPUTS
■
1Kbit EEPROM
■
FULL I2C-BUS CONTROL
2
DESCRIPTION
The TDA7518 multichip module combines in a sin-
gle compact 144-pin package the full functionality
of a state-of-the-art car-radio AM/FM tuner (from
antenna input to processed audio output, plus EE-
PROM for setup storage) with a minimized number
of required external components.
The following three devices are included (please
refer to the relevant datasheet for specifications):
– TDA7511, AM/FM tuner with fully integrated
tuning PLL, FM demodulator and IF band-
width control
– TDA7412, digitally controlled stereodecoder
and audioprocessor featuring AM/FM noise
blanking, multipath and quality detectors;
bass, treble, loudness controls as well as dy-
namic level compression with 3 stereo and 3
mono fully mixable inputs and four indepen-
dent speaker outputs.
– M24C01, 128 x 8 bit EEPROM
All chips are I2C-bus controlled.
MULTICHIP MODULE FOR CAR-RADIO APPLICATIONS
Rev. 1
Figure 1. Package
Table 1. Order Codes
Part Number
Temp. range
Package
TDA7518
-40°C to +85°C
TQFP144
TQFP144


Similar Part No. - TDA7518

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7511 STMICROELECTRONICS-TDA7511 Datasheet
792Kb / 41P
AM/FM TUNER FOR CAR RADIO AND HIFI APPLICATIONS
Nov-2001
TDA7512 STMICROELECTRONICS-TDA7512 Datasheet
761Kb / 42P
AM/FM CAR RADIO TUNER IC WITH INTELLIGENT SELECTIVITY SYSTEM ISS
Sep-2003
TDA7512F STMICROELECTRONICS-TDA7512F Datasheet
633Kb / 45P
FM car-radio tuner IC with intelligent selectivity system (ISS)
24-Jun-2009
TDA7513 STMICROELECTRONICS-TDA7513 Datasheet
524Kb / 58P
SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
Dec-2003
TDA7513T STMICROELECTRONICS-TDA7513T Datasheet
520Kb / 59P
SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
Jun-2004
More results

Similar Description - TDA7518

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4952 STMICROELECTRONICS-L4952 Datasheet
84Kb / 8P
VOLTAGE REGULATOR FOR CAR RADIO APPLICATIONS
Jun-2000
TDA7511 STMICROELECTRONICS-TDA7511 Datasheet
792Kb / 41P
AM/FM TUNER FOR CAR RADIO AND HIFI APPLICATIONS
Nov-2001
logo
Sanyo Semicon Device
LA1175 SANYO-LA1175 Datasheet
778Kb / 14P
FM Front End For Car Radio, Home Stereo Applications
logo
STMicroelectronics
TDA7519 STMICROELECTRONICS-TDA7519 Datasheet
94Kb / 7P
MULTICHIP MODULE FOR CAR-RADIO APPLICATIONS
27-Nov-2006
logo
Samsung semiconductor
S1A2245X01 SAMSUNG-S1A2245X01 Datasheet
85Kb / 4P
FM IF FOR CAR RADIO
logo
Hitachi Semiconductor
HA1199 HITACHI-HA1199 Datasheet
585Kb / 7P
AM Tuner for Car Radio
logo
STMicroelectronics
TDA7410ND STMICROELECTRONICS-TDA7410ND Datasheet
416Kb / 34P
Signal processor for car radio applications
28-Feb-2007
TDA7546 STMICROELECTRONICS-TDA7546 Datasheet
950Kb / 68P
Multichip module for TMC tuner applications
30-Oct-2006
L4952D STMICROELECTRONICS-L4952D Datasheet
167Kb / 8P
VOLTAGE REGULATOR FOR CAR RADIO APPLICATIONS
Jun-2000
logo
Mitsumi Electronics, Co...
XMA-C1Y1 MITSUMI-XMA-C1Y1 Datasheet
165Kb / 2P
SiriusXM radio antenna (for Car)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com