Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT28F256 Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # UT28F256
Description  Radiation-Hardened 32K x 8 PROM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT28F256 Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  UT28F256 Datasheet HTML 1Page - Aeroflex Circuit Technology UT28F256 Datasheet HTML 2Page - Aeroflex Circuit Technology UT28F256 Datasheet HTML 3Page - Aeroflex Circuit Technology UT28F256 Datasheet HTML 4Page - Aeroflex Circuit Technology UT28F256 Datasheet HTML 5Page - Aeroflex Circuit Technology UT28F256 Datasheet HTML 6Page - Aeroflex Circuit Technology UT28F256 Datasheet HTML 7Page - Aeroflex Circuit Technology UT28F256 Datasheet HTML 8Page - Aeroflex Circuit Technology UT28F256 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
RECOMMENDED OPERATING CONDITIONS
DC ELECTRICAL CHARACTERISTICS (Pre/Post-Radiation)*
(V
DD = 5.0V ±10%; -55°C < TC < +125 °C)
Notes:
* Post-radiation performance guaranteed at 25
°C per MIL-STD-883 Method 1019 at 1E6 rad(Si).
1. Measured only for initial qualification, and after process or design changes that could affect input/output capacitance.
2. Supplied as a design limit but not guaranteed or tested.
3. Not more than one output may be shorted at a time for maximum duration of one second.
4. Functional test.
5. Derates at 3.0mA/MHz.
SYMBOL
PARAMETER
LIMITS
UNITS
VDD
Positive supply voltage
4.5 to 5.5
V
T
C
Case temperature range
-55 to +125
°C
VIN
DC input voltage
0 to VDD
V
SYMBOL
PARAMETER
CONDITION
MINIMUM
MAXIMUM
UNIT
VIH
High-level input voltage
(TTL)
2.4
V
V
IL
Low-level input voltage
(TTL)
0.8
V
VOL1
Low-level output voltage
IOL = 4.0mA, VDD = 4.5V (TTL)
0.4
V
VOL2
Low-level output voltage
IOL = 200µA, VDD = 4.5V (CMOS)
VSS + 0.10
V
V
OH1
High-level output voltage
I
OH = -200µA, VDD = 4.5V (CMOS)
V
DD -0.1
V
VOH2
High-level output voltage
IOH = -2.0mA, VDD = 4.5V (TTL)
2.4
V
CIN
1
Input capacitance
ƒ = 1MHz, V
DD = 5.0V
V
IN = 0V
15
pF
CIO
1, 4
Bidirectional I/O capacitance
ƒ = 1MHz, V
DD = 5.0V
VOUT = 0V
15
pF
IIN
Input leakage current
VIN = 0V to VDD
-5
5
µA
I
OZ
Three-state output leakage
current
V
O = 0V to V DD
VDD = 5.5V
OE = 5.5V
-10
10
µA
IOS
2,3
Short-circuit output current
VDD = 5.5V, VO = VDD
V
DD = 5.5V, VO = 0V
-90
90
mA
mA
IDD1(OP)
5
Supply current operating
@25.0MHz (40ns product)
@22.2MHz (45ns product)
TTL inputs levels (IOUT = 0), VIL =
0.2V
VDD, PE = 5.5V
125
117
mA
mA
IDD2(SB)
post-rad
Supply current standby
CMOS input levels VIL = VSS +0.25V
CE = V
DD - 0.25 VIH = VDD - 0.25V
2
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com