Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT28F256 Datasheet(PDF) 6 Page - Aeroflex Circuit Technology

Part # UT28F256
Description  Radiation-Hardened 32K x 8 PROM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT28F256 Datasheet(HTML) 6 Page - Aeroflex Circuit Technology

Back Button UT28F256 Datasheet HTML 2Page - Aeroflex Circuit Technology UT28F256 Datasheet HTML 3Page - Aeroflex Circuit Technology UT28F256 Datasheet HTML 4Page - Aeroflex Circuit Technology UT28F256 Datasheet HTML 5Page - Aeroflex Circuit Technology UT28F256 Datasheet HTML 6Page - Aeroflex Circuit Technology UT28F256 Datasheet HTML 7Page - Aeroflex Circuit Technology UT28F256 Datasheet HTML 8Page - Aeroflex Circuit Technology UT28F256 Datasheet HTML 9Page - Aeroflex Circuit Technology UT28F256 Datasheet HTML 10Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Notes:
1. 50pF including scope probe and test socket.
2. Measurement of data output occurs at the low to high or high to low transition mid-point
(TTL input = 1.5V).
90%
Figure 3. AC Test Loads and Input Waveforms
Input
Pulses
10%
< 5ns
< 5ns
TTL
0V
3.0V
330 ohms
VREF=1.73V
50pF
90%
10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com