Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT5CB64M16GP-EKB Datasheet(PDF) 57 Page - Nanya Technology Corporation.

Part # NT5CB64M16GP-EKB
Description  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CB64M16GP-EKB Datasheet(HTML) 57 Page - Nanya Technology Corporation.

Back Button NT5CB64M16GP-EKB Datasheet HTML 53Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 54Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 55Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 56Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 57Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 58Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 59Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 60Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 61Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 160 page
background image
Version 2.2
57
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
Write Timing Definition
Note:
1. BL=8, WL=5 (AL=0, CWL=5).
2. Din n = data in from column n.
3. NOP commands are shown for ease of illustration; other command may be valid at these times.
4. BL8 setting activated by either MR0 [A1:0=00] or MR0 [A1:0=01] and A12 = 1 during WRITE command at T0.
5. tDQSS must be met at each rising clock edge.
Tn
CK
CK
T0
T1
T3
T5
T6
T7
T9
T2
T4
T8
NOP
CMD
NOP
NOP
Address
DQ
NOP
WL = AL + CWL
NOP
NOP
Din
n +6
Din
n +7
Din
n +1
Din
n +2
Din
n +3
Din
n +4
Din
n +5
Din
n
tDQSS tDSH
tDQSL
tDSS
tWPST(min)
tDQSL(min)
tDSS
tDSS
tDSS
tDSS
DQ
tDSH
tDQSH
tDQSL
tDSS
tDQSH
tWPRE(min)
tDSS
tDSH
tDQSH
tDSH
tDSH
tDSS
tDSS
tDSS
DQ
Din
n +6
Din
n +7
Din
n +1
Din
n +2
Din
n +3
Din
n +4
Din
n +5
Din
n
tDSH
tDQSH
tDQSH
tDSH
tDQSH
tDSH
tDSH
NOP
tDQSH
tWPRE(min)
Write
Bank
Col n
tWPRE(min)
tDQSH
NOP
tDSS
tDQSL
tDSS
tDSS
NOP
tDSH
tDSH
Din
n +6
Din
n +7
Din
n +1
Din
n +2
Din
n +3
Din
n +4
Din
n +5
Din
n
tDQSH
tDSH
NOP
tDSS
tDSS
tDQSL(min)
tWPST(min)
tDQSL(min)
tWPST(min)
tDQSS
DQS, DQS
(tDQSS min)
DQS, DQS
(tDQSS nominal)
DQS, DQS
(tDQSS max)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com