Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT5CB64M16GP-EKB Datasheet(PDF) 67 Page - Nanya Technology Corporation.

Part # NT5CB64M16GP-EKB
Description  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CB64M16GP-EKB Datasheet(HTML) 67 Page - Nanya Technology Corporation.

Back Button NT5CB64M16GP-EKB Datasheet HTML 63Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 64Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 65Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 66Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 67Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 68Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 69Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 70Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 71Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 160 page
background image
Version 2.2
67
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
Precharge Power-Down (Fast Exit Mode) Entry and Exit
Precharge Power-Down (Slow Exit Mode) Entry and Exit
T0
T1
T2
Ta0
Ta1
Tb0
Tb1
Tc0
CK
CK
WRITE
NOP
NOP
NOP
NOP
NOP
NOP
CMD
CKE
Do not
care
Time
Break
NOP
tIS
tCPDED
tIH
tCKE
tIS
tXP
NOP
Valid
tPD
Enter
Power-Down
Mode
Exit
Power-Down
Mode
T0
T1
T2
Ta0
Ta1
Tb0
Tb1
Tc0
CK
CK
WRITE
NOP
NOP
NOP
NOP
NOP
Valid
CMD
CKE
Do not
care
Time
Break
NOP
tIS
tCPDED
tIH
tCKE
tIS
tXP
NOP
Valid
tPD
Enter
Power-Down
Mode
Exit
Power-Down
Mode
Td0
Valid
tXPDLL
Valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com