Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT5CB64M16GP-EKB Datasheet(PDF) 148 Page - Nanya Technology Corporation.

Part # NT5CB64M16GP-EKB
Description  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CB64M16GP-EKB Datasheet(HTML) 148 Page - Nanya Technology Corporation.

Back Button NT5CB64M16GP-EKB Datasheet HTML 144Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 145Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 146Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 147Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 148Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 149Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 150Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 151Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 152Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 160 page
background image
Version 2.2
148
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
Address / Command Setup, Hold, and Derating
For all input signals the total tIS (setup time) and tIH (hold time) required is calculated by adding the data sheet tIS(base)
and tIH(base) value to the delta tIS and delta tIH derating value respectively.
Example: tIS (total setup time) = tIS(base) + delta tIS
Setup (tIS) nominal slew rate for a rising signal is defined as the slew rate between the last crossing of Vref(dc) and the first
crossing of VIH(ac)min. Setup (tIS) nominal slew rate for a falling signal is defined as the slew rate between the last
crossing of Vref(dc) and the first crossing of VIL(ac)max. If the actual signal is always earlier than the nominal slew rate line
between shaded ‘Vref(dc) to ac region’, use nominal slew rate for derating value. If the actual signal is later than the
nominal slew rate line anywhere between shaded ‘Vref(dc) to ac region’, the slew rate of the tangent line to the actual signal
from the ac level to dc level is used for derating value.
Hold (tIH) nominal slew rate for a rising signal is defined as the slew rate between the last crossing of VIL(dc)max and the
first crossing of Vref(dc). Hold (tIH) nominal slew rate for a falling signal is defined as the slew rate between the last
crossing of VIH(dc)min and the first crossing of Vref(dc). If the actual signal is always later than the nominal slew rate line
between shaded ‘dc to Vref(dc) region’, use nominal slew rate for derating value. If the actual signal is earlier than the
nominal slew rate line any
where between shaded ‘dc to Vref(dc) region’, the slew rate of a tangent line to the actual signal
from the dc level to Vref(dc) level is used for derating value. For a valid transition the input signal has to remain
above/below VIH/IL(ac) for some time tVAC. Although for slow slew rates the total setup time might be negative (i.e. a valid
input signal will not have reached VIH/IL(ac) at the time of the rising clock transition) a valid input signal is still required to
complete the transition and reach VIH/IL(ac).
ADD/CMD Setup and Hold Base-Values for 1V/ns
Grade
Symbol
Reference
800
1066
1333
1600
1866
2133
Unit
Notes
DDR3
tIS(base) AC175
VIH/L(ac)
200
125
65
45
-
-
ps
1
tIS(base) AC150
VIH/L(ac)
350
275
190
170
-
-
ps
1
tIS(base) AC135
VIH/L(ac)
-
-
-
-
65
60
ps
1
tIS(base) AC125
VIH/L(ac)
-
-
-
-
150
135
ps
1
tIH(base) DC100
VIH/L(dc)
275
200
140
120
100
95
ps
1
DDR3L
tIS(base) AC160
VIH/L(ac)
215
140
80
60
-
-
ps
1
tIS(base) AC135
VIH/L(ac)
365
290
205
185
65
-
ps
1,2
tIS(base) AC125
VIH/L(ac)
-
-
-
-
150
-
ps
1,3
tIH(base) DC90
VIH/L(ac)
285
210
150
130
110
-
ps
1
NOTE 1 (AC/DC referenced for 1 V/ns Address/Command slew rate and 2 V/ns differential CK-
 slew rate)
NOTE 2 The tIS(base) AC135 specifications are adjusted from the tIS(base) AC160 specification by adding an additional 125 ps for
DDR3L-800/1066 or 100 ps for DDR3L-1333/1600 of derating to accommodate for the lower alternate threshold of 135 mV and another 25 ps to
account for the earlier reference point [(160 mV - 135 mV) / 1 V/ns].
NOTE 3 The tIS(base) AC125 specifications are adjusted from the tIS(base) AC135 specification by adding an additional 75 ps for DDR3L-1866
of derating to accommodate for the lower alternate threshold of 135 mV and another 10 ps to account for the earlier reference point [(135 mV -
125 mV) / 1 V/ns].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com