Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSCPSI Datasheet(PDF) 17 Page - Mixed Signal Integration

Part # MSCPSI
Description  Controller Programmable Sensor Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSI [Mixed Signal Integration]
Direct Link  https://www.mix-sig.com
Logo MSI - Mixed Signal Integration

MSCPSI Datasheet(HTML) 17 Page - Mixed Signal Integration

Back Button MSCPSI Datasheet HTML 9Page - Mixed Signal Integration MSCPSI Datasheet HTML 10Page - Mixed Signal Integration MSCPSI Datasheet HTML 11Page - Mixed Signal Integration MSCPSI Datasheet HTML 12Page - Mixed Signal Integration MSCPSI Datasheet HTML 13Page - Mixed Signal Integration MSCPSI Datasheet HTML 14Page - Mixed Signal Integration MSCPSI Datasheet HTML 15Page - Mixed Signal Integration MSCPSI Datasheet HTML 16Page - Mixed Signal Integration MSCPSI Datasheet HTML 17Page - Mixed Signal Integration  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
©
© 2
20
00
06
6 M
Miixxeedd SSiiggnnaall IInntteeggrraattiioonn
1
17
7
STANDARD PRODUCTS
MSRFIF
Radio Frequency Interface Front End
MSCPSI
Controller Programmable Sensor Interface
MSLOSC
15 Hz to 64 kHz All Silicon Sine Source
MSSPSI
Smart Programmable Sensor Interface
MSEPAF
Electrically Programmable Active Filter
MSCBT
Communications Baseband Transceiver
MSLV14
14 MHz Video Lowpass Filter
MSGEQ5A
Five Band Spectrum Analyzer
MSGEQ7
Seven Band Spectrum Analyzer
MSHFS1-6
Selectable High Frequency LP/BP Filter
MSFS1-6
Selectable Lowpass/Bandpass Filter
MSCAHF
Selectable High Frequency Active Lowpass/Bandpass Filter
MSU1F1-4, MSU2F1
Resistor Programmable Universal Active Filter
MSU1HF1-4, MSU2HF1
High Frequency Resistor Programmable Universal Active Filter
MSELP
Switched Capacitor Elliptic Lowpass Filter with Op Amps
MSNBLP
Switched Capacitor Butterworth Lowpass Filter
MSLE/B/C5L/M
Switched Capacitor General Purpose Lowpass Filter
MS2LFS
Dual Selectable Low Voltage Lowpass/Bandpass Filter
MSLFS
Selectable Low Voltage Lowpass/Bandpass Filter
MSHN1-6
Selectable High Pass/Notch Filter
MSRAAF
Resistor Programmable Active Audio Filter
MSRAHF
Resistor Programmable Active High Frequency Filter
MSDET
Tone Detector
Mixed Signal Integration
2157F O'Toole Avenue
San Jose, California 95131-1332
Phone: (408)-434-6305
Fax:
(408)-434-6417
In Mississippi, Alabama, Georgia
In northern Illinois and
South Carolina, North Carolina, and
eastern Wisconsin contact:
Tennessee contact:
AdeptRep, Inc.
M & S Sales Inc.
280 Metaire Lane
187 Old Sutton Road
Madison, Alabama 35758
Barrington Hills, Illinois 60010
Telephone: 256-772-1922
Telephone: 847-426-8155
Facsimile: 256-325-2841
Facsimile: 847-426-8120
In Arizona, Utah, Colorado, Montana,
In Indiana, Kentucky, Ohio, Michigan,
In Taiwan contact:
Wyoming, Idaho, New Mexico and
and western Pennsylvania contact:
southern Nevada contact:
Nelco Electronix
CCR Electronics, Inc.
Maxtek Technology Co., Ltd.
6970 S. Holly Circle, #205
8425 Woodfield Crossing Blvd
5F, No. 13-20, Sec. 6, Min Chian E Road, Nei Hu
Centennial, CO 80112
Suite 100
Taipei, 114 R.O.C.
Telephone: 720-493-9630
Indianapolis, Indiana 46240-2495
Telephone: 886-2-2794-6060
Facsimile: 720-493-9631
Telephone: 317-469-4855
Facsimile: 886-2-2879-8922
In Hong Kong and the People's
In Korea contact:
In Singapore, Indonesia and
Republic of China contact:
Malaysia contact:
Alphatron
H. B. Corp.
EXER Technologies (S) PTE LTD
282, King’s Rd.
#1409, Seocho World Officetel,
45 Kaki Bukit Industrial Terrace
13th Floor, Flat C2
1355-3, Seocho-Dong, Seocho-Ku,
Singapore 416125
North Point Centre, North Point, Hong Kong
Seoul, Korea 137-070
Telephone: (65)-6-747-9669
Telephone: 852-2303-1290
Telephone: (02)3472-3450
Facsimile: (65)-6-749-9669
Facsimile: 852-2900-3616
Facsimile:
(02)3472-3458
In Israel contact:
In the United Kingdom contact:
In Germany, Austria and Switzerland contact:
Phoenix Technologies Ltd.
Broadband Technology 2000 Ltd
ED-V GmbH
3 Gavish St.
Unit 3, Woodland Court
Behringerstrasse 13
Kfar-Saba, 44424
Soothouse Spring
D 63814 Mainaschaff
Israel
St Albans
Germany
Telephone: 09-764-4800
Herts AL3 6NR U. K.
Telephone: 49 6021 79710
Facsimile: 09-764-4801
Telephone:+44 (0) 1727 791000
Facsimile: 49 6021 797144
Facsimile: +44 (0) 1727 791001
Web site: www.ed-v.de
Catch our web site at "http://www.mix-sig.com"
Send us e-mail at "info@mix-sig.com"
W
Weebb SSiittee ““w
ww
ww
w..m
miixx-ssiigg..ccoom
m””
08/2006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com