Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPL12A Datasheet(PDF) 13 Page - Generalplus Technology Inc.

Part # GPL12A
Description  8K Bytes Micro-controller with LCD Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPL12A Datasheet(HTML) 13 Page - Generalplus Technology Inc.

Back Button GPL12A Datasheet HTML 9Page - Generalplus Technology Inc. GPL12A Datasheet HTML 10Page - Generalplus Technology Inc. GPL12A Datasheet HTML 11Page - Generalplus Technology Inc. GPL12A Datasheet HTML 12Page - Generalplus Technology Inc. GPL12A Datasheet HTML 13Page - Generalplus Technology Inc. GPL12A Datasheet HTML 14Page - Generalplus Technology Inc. GPL12A Datasheet HTML 15Page - Generalplus Technology Inc. GPL12A Datasheet HTML 16Page - Generalplus Technology Inc. GPL12A Datasheet HTML 17Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
GPL12A
© Generalplus Technology Inc.
Proprietary & Confidential
13
Jul. 27, 2011
Version: 1.4
7. APPLICATION CIRCUITS
7.1. 360 Dots (12 x 30) LCD Driver, 1/4 Bias, PLL / 32768Hz Crystal
TEST
IOA0
IOA1
IOA2
IOA3
IOA4
IOA5
IOA6
IOA7
VDD
OSCPLL
VSS
X32O
X32I
RESETB
V3_INB5
GPL12A
COM[3:0
]
COM[7:4]
COM[10:9]
COM8
COM11
SEG[27:0]
SEG29
SEG28
LCD
COM[11:0]
SEG[29:0]
IO Device
INPUTS
1 / 4 Bias application circuit
Bias
cirucit
C1
20p
C2
20p
VDD
VCO circuit
RA2
4.7K
CA1
5nF
CA2
100nF
LVROFF : VSS --> LVR enable
HCKOPT : VDD --> PLL
LCKOPT : VSS --> 32768 Hz crystal
Mask Options
C3
RESET
SEG20
SEG19
SEG18
SEG17
SEG16
SEG15
SEG14
SEG13
SEG12
SEG11
SEG10
SEG9
SEG8
SEG7
SEG6
VCO
circuit
0.1
μF
0.1
μF
0.1
μF
0.1
μF
100
μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com